Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C63923-PVXC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY7C63923-PVXC
Description  enCoRe??II Low-Speed USB Peripheral Controller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63923-PVXC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY7C63923-PVXC Datasheet HTML 4Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 5Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 6Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 7Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 8Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 9Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 10Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 11Page - Cypress Semiconductor CY7C63923-PVXC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
CY7C63310
CY7C638xx
CY7C639xx
Document 38-08035 Rev. *E
Page 8 of 68
7.0
CPU Registers
7.1
Flags Register
The Flags Register can only be set or reset with logical
instruction.
7.1.1
Accumulator Register
7.1.2
Index Register
Table 7-1. CPU Flags Register (CPU_F) [R/W]
Bit #
7
6
5
4
3
2
1
0
Field
Reserved
XIO
Super
Carry
Zero
Global IE
Read/Write
–––
R/W
R
RW
RW
RW
Default
00000010
Bit [7:5]: Reserved
Bit 4: XIO
Set by the user to select between the register banks
0 = Bank 0
1 = Bank 1
Bit 3: Super
Indicates whether the CPU is executing user code or Supervisor Code. (This code cannot be accessed directly by the user)
0 = User Code
1 = Supervisor Code
Bit 2: Carry
Set by CPU to indicate whether there has been a carry in the previous logical/arithmetic operation
0 = No Carry
1 = Carry
Bit 1: Zero
Set by CPU to indicate whether there has been a zero result in the previous logical/arithmetic operation
0 = Not Equal to Zero
1 = Equal to Zero
Bit 0: Global IE
Determines whether all interrupts are enabled or disabled
0 = Disabled
1 = Enabled
Note: CPU_F register is only readable with explicit register address 0xF7. The OR F, expr and AND F, expr instructions must
be used to set and clear the CPU_F bits
Table 7-2. CPU Accumulator Register (CPU_A)
Bit #
7
6
5
4
3
2
1
0
Field
CPU Accumulator [7:0]
Read/Write
––––––––
Default
00000000
Bit [7:0]: CPU Accumulator [7:0]
8-bit data value holds the result of any logical/arithmetic instruction that uses a source addressing mode
Table 7-3. CPU X Register (CPU_X)
Bit #
7
6
5
4
3
2
1
0
Field
X [7:0]
Read/Write
––––––––
Default
00000000
Bit [7:0]: X [7:0]
8-bit data value holds an index for any instruction that uses an indexed addressing mode


Similar Part No. - CY7C63923-PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
CY7C63000A CYPRESS-CY7C63000A Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63000A-PC CYPRESS-CY7C63000A-PC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63000A-SC CYPRESS-CY7C63000A-SC Datasheet
293Kb / 31P
   Universal Serial Bus Microcontroller
CY7C63001 CYPRESS-CY7C63001 Datasheet
358Kb / 27P
   Universal Serial Bus Microcontroller
More results

Similar Description - CY7C63923-PVXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C63310 CYPRESS-CY7C63310 Datasheet
1Mb / 83P
   enCoRe??II Low-Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_12 Datasheet
1,018Kb / 91P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_11 Datasheet
1Mb / 86P
   enCoRe??II Low Speed USB Peripheral Controller
CY7C63310 CYPRESS-CY7C63310_08 Datasheet
1Mb / 83P
   enCoRe II Low Speed USB Peripheral Controller
CY7C63221A CYPRESS-CY7C63221A Datasheet
960Kb / 49P
   enCoRe USB Low-speed USB Peripheral Controller
CY7C63722 CYPRESS-CY7C63722 Datasheet
1Mb / 58P
   enCoRe USB Combination Low-Speed USB & PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63722C CYPRESS-CY7C63722C_11 Datasheet
1Mb / 53P
   enCoRe USB Combination Low-Speed USB and PS/2 Peripheral Controller
CY7C63723-SXC CYPRESS-CY7C63723-SXC Datasheet
1Mb / 49P
   enCoRe??USB Combination Low-Speed USB and PS/2 Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com