Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C263-45DMB Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C263-45DMB
Description  8K x 8 Power-Switched and Reprogrammable PROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C263-45DMB Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C263-45DMB Datasheet HTML 1Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 2Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 3Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 4Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 5Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 6Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 7Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 8Page - Cypress Semiconductor CY7C263-45DMB Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
CY7C261
CY7C263/CY7C264
Document #: 38-04010 Rev. **
Page 3 of 16
]]
Electrical Characteristics Over the Operating Range[3,4]
7C261-20, 25
7C263-20, 25
7C264-20, 25
7C261-35, 45, 55
7C263-35, 45, 55
7C264-35, 45, 55
Parameter
Description
Test Conditions
Min.
Max.
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –2.0 mA
2.4
V
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8 mA
(6 mA Mil)
0.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 16 mA
0.4
V
VIH
Input HIGH Level
2.0
2.0
V
VIL
Input LOW Level
0.8
0.8
V
IIX
Input Current
GND < VIN < VCC
–10
+10
–10
+10
µA
VCD
Input Diode Clamp Voltage
Note 4
Note 4
IOZ
Output Leakage Current
GND <VOUT < VCC
Output Disabled
Com’l
–10
+10
–10
+10
µA
Mil
–40
+40
–40
+40
µA
IOS
Output Short Circuit Current[5]
VCC = Max., VOUT = GND
–20
–90
–20
–90
mA
ICC
Power Supply Current
VCC = Max.,
f = Max.
IOUT= 0 mA
Com’l
120
100
mA
Mil
140
120
ISB
Standby Supply Current (7C261)
VCC = Max.,
CS > VIH
Com’l40
30
mA
Mil
40
30
VPP
Programming Supply Voltage
12
13
12
13
V
IPP
Programming Supply Current
50
50
mA
VIHP
Input HIGH Programming Voltage
4.75
4.75
V
VILP
Input LOW Programming Voltage
0.4
0.4
V
Notes:
3.
See the last page of this specification for Group A subgroup testing information.
4.
See the “Introduction to CMOS PROMs” section of the Cypress Data Book for general information on testing.
5.
For test purposes, not more than one output at a time should be shorted. Short circuit test duration should not exceed 30 seconds.]
Capacitance[4]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = 5.0V
10
pF
COUT
Output Capacitance
10
pF


Similar Part No. - CY7C263-45DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C263-45WMB CYPRESS-CY7C263-45WMB Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
More results

Similar Description - CY7C263-45DMB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C261 CYPRESS-CY7C261 Datasheet
248Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
CY7C261 CYPRESS-CY7C261_06 Datasheet
384Kb / 14P
   8K x 8 Power-Switched and Reprogrammable PROM
logo
Pyramid Semiconductor C...
PY264 PYRAMID-PY264 Datasheet
135Kb / 8P
   8K X 8 REPROGRAMMABLE PROM
logo
Cypress Semiconductor
CY7C271 CYPRESS-CY7C271 Datasheet
237Kb / 11P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271 CYPRESS-CY7C271_06 Datasheet
380Kb / 13P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C271A CYPRESS-CY7C271A Datasheet
167Kb / 10P
   32K x 8 Power Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266_06 Datasheet
412Kb / 12P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C266 CYPRESS-CY7C266 Datasheet
261Kb / 11P
   8Kx8 Power-Switched and Reprogrammable PROM
CY7C291A-293A CYPRESS-CY7C291A-293A Datasheet
355Kb / 15P
   2K x 8 Reprogrammable PROM
CY7C291A CYPRESS-CY7C291A Datasheet
275Kb / 12P
   2K x 8 Reprogrammable PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com