Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3490EN-L Datasheet(PDF) 11 Page - Exar Corporation

Part # SP3490EN-L
Description  3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP3490EN-L Datasheet(HTML) 11 Page - Exar Corporation

Back Button SP3490EN-L Datasheet HTML 4Page - Exar Corporation SP3490EN-L Datasheet HTML 5Page - Exar Corporation SP3490EN-L Datasheet HTML 6Page - Exar Corporation SP3490EN-L Datasheet HTML 7Page - Exar Corporation SP3490EN-L Datasheet HTML 8Page - Exar Corporation SP3490EN-L Datasheet HTML 9Page - Exar Corporation SP3490EN-L Datasheet HTML 10Page - Exar Corporation SP3490EN-L Datasheet HTML 11Page - Exar Corporation SP3490EN-L Datasheet HTML 12Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image

Exar Corporation 48720 Kato Road, Fremont CA, 94538 • 50-668-707 • www.exar.com
SP3490_349_02_0270


Similar Part No. - SP3490EN-L

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-LSP3490EN-L/TR EXAR-SP3490EN-LSP3490EN-L/TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
More results

Similar Description - SP3490EN-L

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
124Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3490 EXAR-SP3490 Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3490EN-L-TR EXAR-SP3490EN-L-TR Datasheet
776Kb / 12P
   3.3V Low Power Full-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Sipex Corporation
SP3490 SIPEX-SP3490 Datasheet
141Kb / 11P
   3.3V Low Power Full Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
156Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
SP3481 SIPEX-SP3481 Datasheet
125Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceivers with 10Mbps Data Rate
logo
Exar Corporation
SP3485EN-L EXAR-SP3485EN-L Datasheet
544Kb / 9P
   3.3V Low Power Half-Duplex RS-485 Transceiver with 10Mbps Data Rate
logo
Analog Devices
ADM489ARZ-REEL7 AD-ADM489ARZ-REEL7 Datasheet
386Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. D
ADM488 AD-ADM488 Datasheet
212Kb / 12P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
REV. 0
ADM488A AD-ADM488A_V01 Datasheet
304Kb / 16P
   Full-Duplex, Low Power, Slew Rate Limited, EIA RS-485 Transceivers
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com