Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 19 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

RC2012J000CS Datasheet(HTML) 19 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
NOTICE
RECOMMENDED USAGE OF THE RESISTOR
Reflow Soldering
After printing solder creams on PCB, place the resistor on the solder cream.
Then heat the PCB. <Fig 16>
CAUTION
Flow Soldering
After mounting the resistor to PCB with paste, dip the PCB into solder bath. <Fig 15>
Storage condition
Please make sure to keep the storage conditions.
* Temperature : 5℃∼40℃, * Humidity : 20%RH ∼ 70%RH
Damage control
Please handle with care to prevent damaging the resistor.
Specially, the excessive nozzle height of SMD or the extreme pressure with tweezers.
Leaching prevention
It is important to keep the soldering conditions to prevent Ag leaching in Flow soldering.
<Fig 16>
Temp.
Pre-heating
Soldering
Cooling
60 ~ 120 sec
260±5℃
180℃
30 ~ 40 sec
230℃
150℃
Peak temp.
10 sec. Max.
Time
<Fig 15>
Temp.
Soldering
Cooling
260±5℃
10 sec. Max.
Pre-heating
ΔT≤150℃
Time


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn