Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 16 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

RC2012J000CS Datasheet(HTML) 16 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
BOX DIMENSION FOR REEL TYPE
Max 75,000 pcs ( 5 EA × 7" )
Max 300,000 pcs ( 20 EA × 7" )
( Unit:mm )
( Unit:mm)
Max 900,000 pcs ( 60 EA ×7" )
Max 800,000 pcs ( 20 EA ×13" )
( Unit:mm )
( Unit:mm )
30±1.0
185±1.0
185±1.0
66±1.0
195±5.0
285±5.0
187±5.0
215±5.0
410±5.0
370±5.0
348±5.0
339±5.0
336±5.0
BOX DIMENSION FOR BULK TYPE
Inner box ( Cassette × 5EA )
Outer box ( Inner box × 20 EA )
41
116
65
( Unit : mm )
242
135
215
( Unit : mm )


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn