Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 15 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

RC2012J000CS Datasheet(HTML) 15 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
LABELING
BOX PACKAGING METHOD
Reel type Label
The reel type label includes following contents as <Fig 9>.
Bulk type Label
The bulk type label includes following contents as <Fig 10>.
Part Number
Resistance Value
LOT Number
Quantity
Bar - Code
Serial Number
<Fig 10>
RC3216J100GS
ROGHN0040 5000pcs
10 ohm
007
SAMSUNG ELECTRO- MECHANI CS CO.,LTD.
RC3216J100GS
10 ohm
V- 2
The bulk or reel type packaging is packaged twice by paper box, inner box and outer box.
The packaging should protect the resistor from damaging during shipping by vehicle, ship,
airplane and etc.
The information of contents is marked on both inner and outer box.
For other packaging methods, please contact us.
Resistance Value
Tolerance, Marking
Part Number
Quantity
LOT Number
Bar - Code
Serial Number
S : Pb Free
P : Polymer & Pb Free
<Fig 9>
100
J101
Ohm
P/N : RC1608J101CS
QTY : 5000PCS
L/N : ROJA50010
007
SAMSUNG ELECTRO-MECHANICS CO.,LTD.
Q- 2
S or P


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn