Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 14 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

RC2012J000CS Datasheet(HTML) 14 Page - Samsung semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
REEL DIMENSION
REEL DIMENSION
The Reel dimension is classified by the diameter of Reel. <Fig 7> <Table 6>
<Fig 7>
BULK TYPE PACKAGE
Bulk cassette specification is based on the EIAJ ET-7201. <Fig 8>
The standard packaging quantity depends on the dimension. <Table 7>
12
36
110
<Fig 8>
6.0 ± 0.05
4.4 ± 0.05
3.4 ± 0.05
<Table 7>
Dimension
Inch
Standard packaging quantity
Weight (g, avg.)
1608
0603
25,000 PCS
71
2012
0805
10,000 PCS
65
3216
1206
5,000 PCS
67
Packaging Code
Diameter
A
B
C
D
CS
7"
178
Φ 70
9.5(13.0) ± 0.1
1.2 ± 0.1
ES
10"
258
Φ 80
9.5 ± 0.1
2.0 ± 0.1
FS,AS
13"
330
Φ 80
9.5(13.0) ± 0.1
2.0 ± 0.1
[ Unit:mm ]
< Table 6 >


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn