Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 10 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

RC2012J000CS Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button RC2012J000CS Datasheet HTML 6Page - Samsung semiconductor RC2012J000CS Datasheet HTML 7Page - Samsung semiconductor RC2012J000CS Datasheet HTML 8Page - Samsung semiconductor RC2012J000CS Datasheet HTML 9Page - Samsung semiconductor RC2012J000CS Datasheet HTML 10Page - Samsung semiconductor RC2012J000CS Datasheet HTML 11Page - Samsung semiconductor RC2012J000CS Datasheet HTML 12Page - Samsung semiconductor RC2012J000CS Datasheet HTML 13Page - Samsung semiconductor RC2012J000CS Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Bending Test Board
Sketch of Withstanding voltage and Insulation resistance
Test board
Test board
<Table 14>, <Fig 11> are dimensions of test board.
* Board material : epoxy JIS C 6484
* pattern material : pure copper 99.5% or above JIS C 6484
<Table 15>, <Fig 12> are dimensions of bending test board.
* Board material : epoxy JIS C 6484
* pattern material : pure copper 99.5% or above JIS C 6484
P2
P1
P1
V
Substrate
Cu
Cu
Cu
<Fig 13>
<Fig 11>
item
Dimension (mm)
Dimension
Power
a
b
c
f
0603
1/20W
0.3
1.1
0.45
5.2
1005
1/16W
0.6
1.9
0.7
4.9
1608
1/10W
1.0
3.0
1.2
4.5
2012
1/8W
1.2
4.0
1.65
4.3
3216
1/4W
2.2
5.0
2.0
3.3
3225
1/3W
2.2
5.0
2.9
3.3
5025
2/3W
3.6
7.0
3.0
3.0
6432
1W
5.2
8.0
3.5
2.5
<Table 14>
58.5
Connector
3
5.08
b
c
10 - φ1.0
7.5
5.5
a
f
3.5
3
25
: COPPER PATTERN
: SOLDER - RESISTOR
<Fig 12>
b
af
d=4.
5
40
c
100
<Table 15>
item
Dimensio n (mm)
Dimension
Power
a
b
c
f
0603
1/20W
0.3
1.1
0.45
5.2
1005
1/16W
0.6
1.9
0.7
4.9
1608
1/10W
1.0
3.0
1.2
4.5
2012
1/8W
1.2
4.0
1.65
4.3
3216
1/4W
2.2
5.0
2.0
3.3
3225
1/3W
2.2
5.0
2.9
3.3
5025
2/3W
3.6
7.0
3.0
3.0
6432
1W
5.2
8.0
3.5
2.5
: COPPER PATTERN
: SOLDER - RESISTOR


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn