Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC2012J000CS Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. RC2012J000CS
Description  Thick Film Chip Resistor ( General )
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

RC2012J000CS Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
<Fig 17>.
Working Temperature
Ambient temperature (℃)
100
80
40
60
20
0
-55
030
60
90
150
120
155
70
-30
100
80
40
60
20
0
-55
0
40
80
120
125
Ambient temperature (℃)
-40
70
Rated load percent (%)
Rated load percent (%)
[1608, 2012, 3216]
[0603, 1005, 3225, 5025, 6432]
-55℃∼ + 125 ℃ : 0603, 1005, 3225, 5025, 6432
-55℃∼ + 155 ℃ : 1608, 2012, 3216
RATED POWER
The Rated Power is classified by the dimension of the resistor. <Table 17>
<Table 17>
Dimension
item
0603
1005
1608
2012
3216
3225
5025
6432
(0201)
(0402)
(0603)
(0805)
(1206)
(1210)
(2010)
(2512)
Rated Power
1/20 W
(0.05 W)
1/16 W
(0.063 W)
1/10 W
(0.100 W)
1/8 W
(0.125 W)
1/4 W
(0.25 W)
1/3 W
(0.33 W)
2/3 W
(0.67W)
1.0 W
Working Volt.(Max.)
25 V
50 V
50 V
150 V
200 V
200 V
200 V
200 V
STOL, IOL Volt.(Max.)
50 V
100 V
100 V
300 V
400 V
400 V
400 V
400 V
STOL : Short Time OverLoad
IOL : Intermittent OverLoad
The rated power is specified as continuous full loading power at the ambient temperature of
70±2℃. In case of the temperature exceeding 70±2℃, the power should be derated
in accordance to <Fig 17>.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn