Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

640430-5 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 640430-5
Description  MTA 156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

640430-5 Datasheet(HTML) 1 Page - Tyco Electronics

  640430-5 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 640430-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640430 MACOM-640430 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
More results

Similar Description - 640430-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
640435 MACOM-640435 Datasheet
148Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
641170 MACOM-641170 Datasheet
129Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
641149 MACOM-641149 Datasheet
130Kb / 1P
   MTA-156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
640432 MACOM-640432 Datasheet
140Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 20 AWG, STANDARD
3-640426-2 MACOM-3-640426-2 Datasheet
134Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 18 AWG, STANDARD
640433 MACOM-640433 Datasheet
129Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 22 AWG, STANDARD
640429 MACOM-640429 Datasheet
141Kb / 1P
   MTA 156 CONNECTOR ASSEMBLY, 24 AWG, STANDARD
640622-6 MACOM-640622-6 Datasheet
146Kb / 1P
   MTA-100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
640442 MACOM-640442 Datasheet
149Kb / 1P
   MTA 100 CONNECTOR ASSEMBLY, 26 AWG, STANDARD
644040-8 MACOM-644040-8 Datasheet
119Kb / 1P
   MTA.100 CONNECTOR ASSEMBLY 26 AWG, STANDARD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com