Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CL31B104KCFNNNF Datasheet(PDF) 2 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 2 Page - Samsung semiconductor

  CL31B104KCFNNNF Datasheet HTML 1Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 2Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 3Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 4Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 5Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 6Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 7Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 8Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 1 -
■ INTRODUCTION
MLCC(Multilayer Ceramic Capacitor) is SMD(Surface Mounted Device) type capacitor that is used
in wide ranges of capacitance. MLCC is paid more attentions than other capacitors due to the
better frequency characteristics, higher reliability, higher withstanding voltage and so on.
MLCC is made of many layers of ceramic and inner electrodes like sandwich. Pd was used for
inner electrodes. But the price of Pd was skyrocketed and Pd was replaced by the BME(Base
Metal Electrode), which reduced the total cost of MLCC.
This inner electrode is connected to outer termination for surface mounting, which is composed of
three layers, Cu or Ag layer, Ni plating layer, and SnPb or Sn plating layer. Most of MLCCs
become Pb free by the environmental issue at present.
FEATURE AND APPLICATION
Feature
-Miniature Size
- Wide Capacitance and Voltage Range
- Tape & Reel for Surface Mount Assembly
- Low ESR
Application
- General Electronic Circuit


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
Samsung semiconductor
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
   CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
Samsung semiconductor
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
EPCOS
EPCOS
B37941K5 EPCOS-B37941K5 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
B37941K5105K0 EPCOS-B37941K5105K0 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com