Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CL31B104KCFNNNF Datasheet(PDF) 4 Page - Samsung semiconductor

Part # CL31B104KCFNNNF
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL31B104KCFNNNF Datasheet(HTML) 4 Page - Samsung semiconductor

  CL31B104KCFNNNF Datasheet HTML 1Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 2Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 3Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 4Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 5Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 6Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 7Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 8Page - Samsung semiconductor CL31B104KCFNNNF Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 3 -
■ APPEARANCE AND DIMENSION
L
BW
T
W
CODE
EIA CODE
DIMENSION ( mm )
L
W
T(MAX)
BW
03
0201
0.6 ± 0.03
0.3 ± 0.03
0.3 ± 0.03
0.15±0.05
05
0402
1.0 ± 0.05
0.5 ± 0.05
0.5 ± 0.05
0.2+0.15/-0.1
10
0603
1.6 ± 0.1
0.8 ± 0.1
0.8 ± 0.1
0.3 ± 0.2
21
0805
2.0 ± 0.1
1.25 ± 0.1
1.25± 0.1
0.5+0.2/-0.3
31
1206
3.2 ± 0.2
1.6 ± 0.2
1.6 ± 0.2
0.5+0.2/-0.3
32
1210
3.2 ± 0.3
2.5 ± 0.2
2.5 ± 0.2
0.6 ± 0.3
43
1812
4.5 ± 0.4
3.2 ± 0.3
3.2 ± 0.3
0.8 ± 0.3
55
2220
5.7 ± 0.4
5.0 ± 0.4
3.2 ± 0.3
1.0 ± 0.3


Similar Part No. - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
Samsung semiconductor
Samsung semiconductor
CL31B104KCFNNNE SAMSUNG-CL31B104KCFNNNE Datasheet
143Kb / 2P
   CAP, 100?? 100V, 짹10%, X7R, 1206
More results

Similar Description - CL31B104KCFNNNF

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
Samsung semiconductor
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
EPCOS
EPCOS
B37941K5 EPCOS-B37941K5 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
B37941K5105K0 EPCOS-B37941K5105K0 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com