Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST2907AT116 Datasheet(PDF) 4 Page - Rohm

Part # SST2907AT116
Description  PNP Medium Power Transistor (Switching)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SST2907AT116 Datasheet(HTML) 4 Page - Rohm

  SST2907AT116 Datasheet HTML 1Page - Rohm SST2907AT116 Datasheet HTML 2Page - Rohm SST2907AT116 Datasheet HTML 3Page - Rohm SST2907AT116 Datasheet HTML 4Page - Rohm SST2907AT116 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UMT2907A / SST2907A / MMST2907A
Transistors
Rev.B
4/4
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.13 Storage time vs. collector
current
Ta=25˚C
VCC=30V
IC=10IB1=10IB2
1
10
100
1000
100
1000
10
COLLECTOR CURRENT : IC (
mA)
Fig.14 Fall time vs. collector
current
Ta=25˚C
VCC=30V
IC=10IB1=10IB2


Similar Part No. - SST2907AT116

ManufacturerPart #DatasheetDescription
logo
Rohm
SST2907A ROHM-SST2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
SST2907A ROHM-SST2907A Datasheet
117Kb / 5P
   PNP Medium Power Transistor
SST2907A ROHM-SST2907A Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
SST2907AHZG ROHM-SST2907AHZG Datasheet
696Kb / 6P
   PNP Medium Power Transistor
More results

Similar Description - SST2907AT116

ManufacturerPart #DatasheetDescription
logo
Rohm
UMT2907AT106 ROHM-UMT2907AT106 Datasheet
94Kb / 5P
   PNP Medium Power Transistor (Switching)
SST4403 ROHM-SST4403_07 Datasheet
104Kb / 4P
   PNP Medium Power Transistor(Switching)
UMT4403 ROHM-UMT4403 Datasheet
40Kb / 1P
   PNP Medium Power Transistor (Switching)
SST4403 ROHM-SST4403 Datasheet
90Kb / 4P
   PNP Medium Power Transistor (Switching)
UMT2907A ROHM-UMT2907A Datasheet
79Kb / 4P
   PNP Medium Power Transistor (Switching)
logo
Seme LAB
BCY70CSM SEME-LAB-BCY70CSM Datasheet
20Kb / 3P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
logo
STMicroelectronics
BUL3P5 STMICROELECTRONICS-BUL3P5 Datasheet
212Kb / 10P
   MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
logo
Seme LAB
2N2907A SEME-LAB-2N2907A Datasheet
15Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A_02 Datasheet
43Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
2N2905A SEME-LAB-2N2905A Datasheet
18Kb / 2P
   HIGH SPEED MEDIUM POWER PNP SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com