Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CL10B101KB8NNNC Datasheet(PDF) 33 Page - Samsung semiconductor

Part # CL10B101KB8NNNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL10B101KB8NNNC Datasheet(HTML) 33 Page - Samsung semiconductor

Back Button CL10B101KB8NNNC Datasheet HTML 27Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 28Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 29Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 30Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 31Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 32Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 33Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 34Page - Samsung semiconductor CL10B101KB8NNNC Datasheet HTML 35Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 32 -
SAMSUNG : CL10B104KA8NNNC
CL
10
B
104
K
A
8
N
N
N
C
AVX : 06033C104KAT2A
0603
3
C
104
K
A
T
2
A
JOHANSON : 250R14W104KV6T
250
R14
W
104
K
V
6
T
KEMET : C0603C104K3RAC
C
0603
C
104K
3R
A
C
Series
Size
03 = 0201
05 = 0402
10 = 0603
21 = 0805
31 = 1206
32 = 1210
43 = 1812
55 = 2220
Dielectric
C=C0G
P= P2H
R=R2H
S= S2H
T= T2H
U=U2H
L= S2L
B= X7R
A= X5R
F= Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
A= ±0.05pF
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80,-20%
Voltage
Q = 6.3V
P= 10V
O=16V
A= 25V
B= 50V
C = 100V
D = 200V
E= 250V
G = 500V
H = 630V
I = 1000V
Thickness
3 = 0.30
5 = 0.50
8 = 0.80
A= 0.65
C = 0.85
H = 1.60
I=2.00
J = 2.50
L = 3.20
Electrode/
Termination/
Plating
A= Pd/Ag/
Sn 100%
N=Ni/Cu/
Sn 100%
G=Cu/Cu/
Sn 100%
Products
A= Array
(2-element)
B= Array
(4-element)
C=High -Q
L= LICC
N = Normal
P= Automotive
W = 3 terminal
chip
Special
Various
Packaging
B= Bulk
P = Cassette
C=Paper7"
D=Paper13"
(10,000EA)
E = Embossing 7"
F = Embossing 13"
L = Paper 13"
(15,000EA)
O=Paper10"
S = Embossing 10"
Size
0201
0402
0603
0805
1206
1210
1812
2220
2225
Voltage
4= 4V
6 = 6.3V
Z= 10V
Y = 16V
3= 25V
B= 50V
C = 100V
D = 200V
E = 250V
G = 500V
I = 1000V
Dielectric
A= C0G
C=X7R
D=X5R
E= Z5U
G=Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal
point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
P = GMV,+100,-0%
Failure Rate
A= N/A
Termination
T = Sn 100%
7= Gold Plated
1= Pd/Ag
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Cassette
9= Bulk
Special
A = Standard
T = 0.66mm
S = 0.56mm
R = 0.46mm
Voltage
2
significant
figures
+
number
of zeros
Size
R07 = 0402
R14 = 0603
R15 = 0805
R18 = 1206
S41 = 1210
S43 = 1812
S47 = 2220
S48 = 2225
S49 = 1825
S54 = 3640
Dielectric
N=C0G
W= X7R
X= X5R
Z= Z5U
Y= Y5V
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Termination
V = Ni Barrier
Marking
4= No Mark
6 = Marking
Packaging
E = 7" Reel Plastic
T = 7" Reel Paper
R = 13" Reel Paper
U = 13" Reel Plastic
None = Bulk
Series
Size
0402
0603
0805
1206
1210
1812
2220
2225
Specification
C = Standard
A= GR900
P = Mil-C-55681
CDR01-CDR06
N = Mil-C-55681
CDR31-CDR35
Z = Mil-C-123
E= Mil Equivalent
(Group A Only)
Capacitance
2
significant
figures
+
number
of zeros
Use "R" for
decimal point
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z= +80, -20%
P = +100, 0%
Voltage
9= 6.3V
8= 10V
4= 16V
3= 25V
5= 50V
1= 100V
2= 200V
Dielectric
G=C0G
R=X7R
P= X5R
U=Z5U
X = BX(Mil)
V= Y5V
Tolerance
B= ±0.1pF
C= ±0.25pF
D= ±0.5pF
F= ±1%
G= ±2%
J= ±5%
K= ±10%
M= ±20%
Z = +80, -20%
P = GMV,+100,-0%
Failure Rate
A= Standard
M=1.0(Mil)
P = 0.1 (Mil)
R=0.01 (Mil)
S= 0.001(Mil)
Termination
C=Ni w/Tin Plate
H = Ni w/Solder
T= Silver
G=Gold Plated


Similar Part No. - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
Samsung semiconductor
Samsung semiconductor
CL10B101KB8NNN SAMSUNG-CL10B101KB8NNN Datasheet
242Kb / 17P
   Wide temperature compensation and voltage range
More results

Similar Description - CL10B101KB8NNNC

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
Samsung semiconductor
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL03C101JA3ANNC SAMSUNG-CL03C101JA3ANNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
EPCOS
EPCOS
B37941K5 EPCOS-B37941K5 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
B37941K5105K0 EPCOS-B37941K5105K0 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com