Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU5N30 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQU5N30
Description  300V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU5N30 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQU5N30 Datasheet HTML 1Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 2Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 3Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 4Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 5Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 6Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 7Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 8Page - Fairchild Semiconductor FQU5N30 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 

   
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
, -1//-1µ .2.0 
"  !"  //µ 3%(%(  4
5 %   6   # 


 





D*
 D?* 
*,)*6,74)µ'
())


*
∆D*
$∆
D?* 
 
6,74)µ'+ 748

) 7;

*$8
6
E<* 
*,())**,)*


/
µ'
*,7&)*,/748


/)
µ'
6
<D0?
*,()**,)*


/))
'
6
<D0?+!
*,()**,)*


/))
'
 
*
< * 
*,*6,74)µ'
( )

4 )
*
+
  
+ 
*,/)*6,7 7'

) ;2
) -

   
*,4)*6,7 7'

7 -


 

6  
*,74**,)*
,/ )F#


(()
&()


  

9)
-)


+!  

- 4
/(

   

 
*,/4)*6,4 &'
+,74Ω


//
(7


+

44
/7)


 

/9
&4


 

79
;4

G
 <
*,7&)*6,4 &'
*,/)*


- 2
/(

G
< 

7 &


G
<

4 /


     
6
C 


& &
'
6
C:  


/9 ;
'
*
 * 
*,)*6,& &'


/ 4
*

+!+ !
*,)*6,4 &'
6$,/))'$µ

/()


G
+!+ !

) ;

µ


Similar Part No. - FQU5N30

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQU5N30 ISC-FQU5N30 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FQU5N30

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB9N30 FAIRCHILD-FQB9N30 Datasheet
647Kb / 9P
   300V N-Channel MOSFET
FDP46N30 FAIRCHILD-FDP46N30 Datasheet
697Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMU5N30 KERSEMI-KSMU5N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQPF5N30 FAIRCHILD-FQPF5N30 Datasheet
763Kb / 8P
   300V N-Channel MOSFET
FQP5N30 FAIRCHILD-FQP5N30 Datasheet
754Kb / 8P
   300V N-Channel MOSFET
FQB5N30 FAIRCHILD-FQB5N30 Datasheet
770Kb / 9P
   300V N-Channel MOSFET
FQPF14N30 FAIRCHILD-FQPF14N30 Datasheet
717Kb / 8P
   300V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N30 KERSEMI-KSMD2N30 Datasheet
1Mb / 8P
   300V N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FQP3N30 FAIRCHILD-FQP3N30 Datasheet
708Kb / 8P
   300V N-Channel MOSFET
FQA26N30 FAIRCHILD-FQA26N30 Datasheet
702Kb / 8P
   300V N-Channel MOSFET
FQA44N30 FAIRCHILD-FQA44N30 Datasheet
745Kb / 8P
   300V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com