Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CL03C101JA3ANNC Datasheet(PDF) 10 Page - Samsung semiconductor

Part # CL03C101JA3ANNC
Description  Multilayer Ceramic Capacitor
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CL03C101JA3ANNC Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button CL03C101JA3ANNC Datasheet HTML 6Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 7Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 8Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 9Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 10Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 11Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 12Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 13Page - Samsung semiconductor CL03C101JA3ANNC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Multilayer Ceramic Capacitor - General
- 9 -
5 CAPACITANCE TOLERANCE
Symbol
Tolerance
Nominal Capacitance
A
±
0.05pF
Less than 10pF
(Including 10pF)
B
±
0.1pF
C
±
0.25pF
D
±
0.5pF
F
±
1pF
F
±
1%
More than 10pF
G
±
2%
J
±
5%
K
±
10%
M
±
20%
Z
+80, -20%
6 RATED VOLTAGE
Symbol
Rated Voltage
Symbol
Rated Voltage
Q
6.3V
E
250V
P
10V
G
500V
O
16V
H
630V
A
25V
I
1,000V
B
50V
J
2,000V
C
100V
K
3,000V
D
200V


Similar Part No. - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
Samsung semiconductor
Samsung semiconductor
CL03C180JA3 SAMSUNG-CL03C180JA3 Datasheet
151Kb / 2P
   Samsung electro-mechanics
CL03C180JA3ANNC SAMSUNG-CL03C180JA3ANNC Datasheet
151Kb / 2P
   Samsung electro-mechanics
More results

Similar Description - CL03C101JA3ANNC

ManufacturerPart #DatasheetDescription
EPCOS
EPCOS
X7R EPCOS-X7R Datasheet
432Kb / 19P
   Multilayer ceramic capacitor
B37941X EPCOS-B37941X Datasheet
413Kb / 14P
   Multilayer ceramic capacitor
B37931K5104K0 EPCOS-B37931K5104K0 Datasheet
64Kb / 5P
   Multilayer ceramic capacitor
Samsung semiconductor
Samsung semiconductor
CL21C220 SAMSUNG-CL21C220 Datasheet
552Kb / 35P
   Multilayer Ceramic Capacitor
CL31B104KCFNNNF SAMSUNG-CL31B104KCFNNNF Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10B101KB8NNNC SAMSUNG-CL10B101KB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL10C180JB8NNNC SAMSUNG-CL10C180JB8NNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
CL21C100CBANNNC SAMSUNG-CL21C100CBANNNC Datasheet
620Kb / 35P
   Multilayer Ceramic Capacitor
EPCOS
EPCOS
B37941K5 EPCOS-B37941K5 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
B37941K5105K0 EPCOS-B37941K5105K0 Datasheet
65Kb / 5P
   Multilayer ceramic capacitor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com