Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVA3354NPBF Datasheet(PDF) 4 Page - International Rectifier

Part # PVA3354NPBF
Description  Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVA3354NPBF Datasheet(HTML) 4 Page - International Rectifier

  PVA3354NPBF Datasheet HTML 1Page - International Rectifier PVA3354NPBF Datasheet HTML 2Page - International Rectifier PVA3354NPBF Datasheet HTML 3Page - International Rectifier PVA3354NPBF Datasheet HTML 4Page - International Rectifier PVA3354NPBF Datasheet HTML 5Page - International Rectifier PVA3354NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Series PVA33NPbF
www.irf.com
4
Figure 5. Typical Normalized Off-State Leakage
Figure 6. Input Characteristics
(Current Controlled)
Figure 7.Typical Delay Times
Figure 8. Delay Time Definitions
LED Forward Voltage Drop (Volts DC)
Ambient Temperature (°C)
I LED (mA)
10
100
1000
0
5
10
15
20
Ton
Tdly
Toff


Similar Part No. - PVA3354NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

Similar Description - PVA3354NPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com