Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

499160 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 499160
Description  HEADER ASSY, UNIVERSAL, AMP-LATCH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

499160 Datasheet(HTML) 1 Page - Tyco Electronics

  499160 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 499160

ManufacturerPart #DatasheetDescription
logo
3M Electronics
4991 3M-4991 Datasheet
796Kb / 9P
   Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
logo
List of Unclassifed Man...
49911A ETC2-49911A Datasheet
98Kb / 3P
   Molded Cable Assemblies - D-Subminiature Assembly
logo
NEC
4991A NEC-4991A Datasheet
772Kb / 8P
   3-VOLT, 0.5-MICRON CELL-BASED CMOS ASIC
logo
TDK Electronics
4991A+16192A TDK-4991A+16192A Datasheet
177Kb / 4P
   Inductors for decoupling circuits Multilayer ferrite MLJ-G series (for automotive PoC)
20220601
logo
3M Electronics
4991B 3M-4991B Datasheet
796Kb / 9P
   Tapes provide the convenience and simplicity of a tape fastener and are ideal for use in many interior and exterior bonding applications. In many situations, they can replace rivets
More results

Similar Description - 499160

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-102156-0 MACOM-1-102156-0 Datasheet
201Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102160-0 MACOM-1-102160-0 Datasheet
188Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-5102153-3 MACOM-1-5102153-3 Datasheet
186Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102162-0 MACOM-1-102162-0 Datasheet
205Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102321-0 MACOM-1-102321-0 Datasheet
192Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
5102155-9 MACOM-5102155-9 Datasheet
184Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102153-2 MACOM-1-102153-2 Datasheet
182Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102161-0 MACOM-1-102161-0 Datasheet
231Kb / 2P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102153-0 MACOM-1-102153-0 Datasheet
182Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
1-102154-0 MACOM-1-102154-0 Datasheet
185Kb / 1P
   HEADER ASSY, UNIVERSAL, AMP-LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com