Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7103TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7103TRPBF
Description  adavanced process technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7103TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7103TRPBF Datasheet HTML 1Page - International Rectifier IRF7103TRPBF Datasheet HTML 2Page - International Rectifier IRF7103TRPBF Datasheet HTML 3Page - International Rectifier IRF7103TRPBF Datasheet HTML 4Page - International Rectifier IRF7103TRPBF Datasheet HTML 5Page - International Rectifier IRF7103TRPBF Datasheet HTML 6Page - International Rectifier IRF7103TRPBF Datasheet HTML 7Page - International Rectifier IRF7103TRPBF Datasheet HTML 8Page - International Rectifier IRF7103TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
PD -95037B
l
Adavanced Process Technology
l
Ultra Low On-Resistance
l
Dual N-Channel MOSFET
l
Surface Mount
l
Available in Tape & Reel
l
Dynamic dv/dt Rating
l
Fast Switching
l
Lead-Free
Description
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
dual-die capability making it ideal in a variety of power
applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7103PbF
D1
D1
D2
D2
G1
S2
G2
S1
Top View
8
1
2
3
4
5
6
7
VDSS = 50V
RDS(on) = 0.130Ω
ID = 3.0A
02/09/10
Parameter
Min.
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
–––
62.5
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
3.0
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
2.3
IDM
Pulsed Drain Current 
10
PD @TA = 25°C
Power Dissipation
2.0
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt ‚
4.5
V/nS
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
Absolute Maximum Ratings
A
Thermal Resistance Ratings
W
°C
SO-8


Similar Part No. - IRF7103TRPBF

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
IRF7103TRPBF VBSEMI-IRF7103TRPBF Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com