Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

280385-3 Datasheet(PDF) 1 Page - Tyco Electronics

Part # 280385-3
Description  AMPMODU II HEADER ASS, IES, STRAIGHT, DOUBLE ROW
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

280385-3 Datasheet(HTML) 1 Page - Tyco Electronics

  280385-3 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TIN AND GOLD PLATED CONTACTS: BRASS
T
STREAMLINING OF CONTACT BASE MATERIAL
TO BRASS
SMT
19FEB
2013
2803843
T


Similar Part No. - 280385-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
280385-1 MACOM-280385-1 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
280385-2 MACOM-280385-2 Datasheet
58Kb / 1P
   Internal Equipment Connection Wire-to-Board for Discrete Wire 2.54mm Centreline
More results

Similar Description - 280385-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
280370 MACOM-280370 Datasheet
82Kb / 1P
   AMPMODU II GEADER ASS, IES, STRAIGHT, SINGLE ROW
826469-3 MACOM-826469-3 Datasheet
209Kb / 2P
   AMPMODU II / AMPMODU IV
logo
List of Unclassifed Man...
280389-1 ETC2-280389-1 Datasheet
194Kb / 1P
   AMPMODU HEADER ASS.IES,R,ANGLE,DOUBLE ROW
logo
Tyco Electronics
1241050-7 MACOM-1241050-7 Datasheet
908Kb / 3P
   AMPMODU II PIN HEADER PACKED IN BLISTER AMPMODU II STIFTLEISTE VERPACKT IN BLISTER
280515 MACOM-280515 Datasheet
78Kb / 1P
   AMPMODU Mod. II Rec. HSG, Double Row, Crimp Snap-in.
280365 MACOM-280365 Datasheet
78Kb / 1P
   AMPMODU MOD, II REC, HSG, DOUBLE ROW, CRIMP SNAP-IN
826467 MACOM-826467 Datasheet
209Kb / 2P
   AMPMODU II/AMPMODU IV SPECIAL PERFORMANCE SONDERAUSFUEHRUNG
6-104118-2 MACOM-6-104118-2 Datasheet
132Kb / 1P
   HEADER ASSEMBLY, RIGHT ANGLE, UNSHROUDED, DOUBLE ROW, AMPMODU System 50
826632 MACOM-826632 Datasheet
41Kb / 1P
   AMPMODU II STIFTLEISTE ZWEIREIHIG
logo
Amphenol Corporation
826925-3 AMPHENOL-826925-3 Datasheet
25Kb / 1P
   AMPMODU II STIFTLEISTE ZWEIREIHIG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com