Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE0505NXMC Datasheet(PDF) 3 Page - Microdc power Technology Co., Ltd

Part # NTE0505NXMC
Description  1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

NTE0505NXMC Datasheet(HTML) 3 Page - Microdc power Technology Co., Ltd

  NTE0505NXMC Datasheet HTML 1Page - Microdc power Technology Co., Ltd NTE0505NXMC Datasheet HTML 2Page - Microdc power Technology Co., Ltd NTE0505NXMC Datasheet HTML 3Page - Microdc power Technology Co., Ltd NTE0505NXMC Datasheet HTML 4Page - Microdc power Technology Co., Ltd NTE0505NXMC Datasheet HTML 5Page - Microdc power Technology Co., Ltd NTE0505NXMC Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 3 of 6
Application
Application
Application
Application
Application
Application
Application
Application Notes
Notes
Notes
Notes
Notes
Notes
Notes
Notes
Minimum
Minimum
Minimum
Minimum load
load
load
load
The minimum load to meet data sheet speciffication is 10% of the full rated load across the speciffied input voltage range. Lower than 10% minimum loading will result in an
increase in output voltage, which may rise to typically double the speciffied output voltage if the output load falls to less than 5%.
Capacitive
Capacitive
Capacitive
Capacitive loading
loading
loading
loading and
and
and
and start
start
start
start up
up
up
up
Typical start up times for this series, with a typical input voltage rise time of 2.2μs and output capacitance of 10μF, are shown in the table below. The product series will start
into a capacitance of 47μF with an increased start time, however, the maximum recommended output capacitance is 10μF.
Start-up time
Start-up time
μs
μs
NTE0303XMC
437
NTE0506XMC
7200
NTE0305XMC
1359
NTE0509XMC
3146
NTE0309XMC
3435
NTE0512XMC
4960
NTE0312XMC
6590
NTE0515XMC
7740
NTE0315XMC
7625
NTE1205XMC
895
NTE0503XMC
533
NTE1209XMC
2150
NTE0505XMC
1368
NTE1212XMC
3640
NTE0505NXMC
721
NTE1215XMC
7180
Ripple
Ripple
Ripple
Ripple &
&
&
& Noise
Noise
Noise
Noise Characterization
Characterization
Characterization
Characterization Method
Method
Method
Method
Ripple and noise measurements are performed with the following test configuration.
C1
1μF X7R multilayer ceramic capacitor, voltage rating to be a minimum of 3 times the output voltage of the DC/DC converter
C2
10μF tantalum capacitor, voltage rating to be a minimum of 1.5 times the output voltage of the DC/DC converter with an ESR of less
than 100mΩ at 100 kHz
C3
100nF multilayer ceramic capacitor, general purpose
R1
450Ω resistor, carbon fi lm, ±1% tolerance
R2
50Ω BNC termination
T1
3T of the coax cable through a ferrite toroid
RLOAD
Resistive load to the maximum power rating of the DC/DC converter. Connections should be made via twisted wires
Measured values are multiplied by 10 to obtain the specified values.
Differential
Differential
Differential
Differential Mode
Mode
Mode
Mode Noise
Noise
Noise
Noise Test
Test
Test
Test Schematic
Schematic
Schematic
Schematic


Similar Part No. - NTE0505NXMC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTE0505M CANDD-NTE0505M Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE0505MC MURATA-NTE0505MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0505MC MURATA-NTE0505MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0505MC MURATA-NTE0505MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
Murata Power Solutions ...
NTE0505MC MURATA-PS-NTE0505MC Datasheet
237Kb / 8P
   Isolated 1W Single Output SM DC-DC Converters
2023
More results

Similar Description - NTE0505NXMC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com