Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE0312XMC Datasheet(PDF) 6 Page - Microdc power Technology Co., Ltd

Part # NTE0312XMC
Description  1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

NTE0312XMC Datasheet(HTML) 6 Page - Microdc power Technology Co., Ltd

  NTE0312XMC Datasheet HTML 1Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 2Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 3Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 4Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 5Page - Microdc power Technology Co., Ltd NTE0312XMC Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X
NTE-X Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 6 of 6
Microdc
Microdc
Microdc
Microdc Professional
Professional
Professional
Professional Power
Power
Power
Power Module,Inc.
Module,Inc.
Module,Inc.
Module,Inc.
Tel:0086-20-86000646
Tel:0086-20-86000646
Tel:0086-20-86000646
Tel:0086-20-86000646
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
E-mail:tech@microdc.cn
Website:
Website:
Website:
Website: www
www
www
www.microdc.
.microdc.
.microdc.
.microdc.c
c
c
cn
n
n
n
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
©2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C
for 10 seconds. The pin termination finish on the SIP package type is Tin Plate, Hot Dipped over Matte
Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both types in this series are
backward compatible with Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful chemicals, it also has harmful chemical
substances through the registration, inspection and approval.
Tape
Tape
Tape
Tape
Tape
Tape
Tape
Tape &
&
&
&
&
&
&
& Reel
Reel
Reel
Reel
Reel
Reel
Reel
Reel Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Reel
Reel
Reel
Reel Packaging
Packaging
Packaging
Packaging Details
Details
Details
Details
Product
Product
Product
Product Orientation
Orientation
Orientation
Orientation
Pin 1, located nearest to carrier drive sprocket.
Reel Quantity : 500
Reel
Reel
Reel
Reel Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions
Tape
Tape
Tape
Tape Outline
Outline
Outline
Outline Dimensions
Dimensions
Dimensions
Dimensions


Similar Part No. - NTE0312XMC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NTE0312MC MURATA-NTE0312MC Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0312MC MURATA-NTE0312MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE0312MC MURATA-NTE0312MC Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
More results

Similar Description - NTE0312XMC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
A-XT-1W MICRODC-A-XT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
IB-XT-1W MICRODC-IB-XT-1W Datasheet
607Kb / 3P
   1W,FIXED INPUT,ISOLATED & REGULATEDSINGLE OUTPUT,SMD DC-DCCONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com