Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJET3V3TS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJET3V3TS
Description  SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJET3V3TS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJET3V3TS Datasheet HTML 1Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 2Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 3Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 4Page - Pan Jit International Inc. PJET3V3TS Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
June 20,2013-REV.00
PJET3V3TS
Fig.3 Typical Reverse Characteristics
Fig.2 Typical Junction Capacitance
0
10
20
30
40
50
01
2
34
VR, Reverse Bias Voltage (V)
0.1
1
10
100
00.511.522.533.5
VR, Reverse Voltage (V)
TJ = 25°C
0
5
10
15
20
25
1
2
3
4
5
6
VBR, Reverse Breakdown Voltage (V)
TJ = 25°C
Fig.1 Typical Reverse Characteristices
Fig.3 Reverse Leakage Current
Fig.4 Typical Peak Clamping Voltage
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
55.5
66.577.5
8
Clamping Voltage Vc ,(V)
Fig.3 Typical Reverse Characteristics
Fig.3 Reverse Leakage Current
Fig.4 Typical Peak Clamping Voltage
Fig.3 Typical Reverse Characteristics
Fig.5 8/20μS Peak Pulse Current Waveform


Similar Part No. - PJET3V3TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJET3V3TS PANJIT-PJET3V3TS_14 Datasheet
192Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJET3V3TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05TS-02-AU PANJIT-PJSD05TS-02-AU Datasheet
123Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W PANJIT-PJSD03W Datasheet
97Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG_09 Datasheet
191Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TS PANJIT-PJSD03TS_10 Datasheet
101Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJE24HWS PANJIT-PJE24HWS Datasheet
176Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD05TS-02 PANJIT-PJSD05TS-02 Datasheet
84Kb / 3P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03W-AU PANJIT-PJSD03W-AU Datasheet
87Kb / 7P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
April 1,2016-REV.03
PJSD03TS-AU PANJIT-PJSD03TS-AU Datasheet
188Kb / 6P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
September 2,2019-REV.04
PJSD36W-AU PANJIT-PJSD36W-AU Datasheet
73Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
logo
Shenzhen Luguang Electr...
ESD5Z03T1 LUGUANG-ESD5Z03T1 Datasheet
216Kb / 4P
   Single Line TVS Diode For ESD Protection Portable Electronics
logo
Pan Jit International I...
PJSD05TS-02 PANJIT-PJSD05TS-02_13 Datasheet
95Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com