Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF7495TRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7495TRPBF
Description  Low Gate to Drain Charge to Reduce Switching Losses
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7495TRPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF7495TRPBF Datasheet HTML 1Page - International Rectifier IRF7495TRPBF Datasheet HTML 2Page - International Rectifier IRF7495TRPBF Datasheet HTML 3Page - International Rectifier IRF7495TRPBF Datasheet HTML 4Page - International Rectifier IRF7495TRPBF Datasheet HTML 5Page - International Rectifier IRF7495TRPBF Datasheet HTML 6Page - International Rectifier IRF7495TRPBF Datasheet HTML 7Page - International Rectifier IRF7495TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.irf.com
1
10/15/09
IRF7494PbF
HEXFET® Power MOSFET
l High frequency DC-DC converters
l Lead-Free
Benefits
Applications
l Low Gate to Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Notes
 through ‡ are on page 8
SO-8
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
VDSS
RDS(on) max
ID
150V
44m
Ω@VGS = 10V
5.1A
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
dv/dt
Peak Diode Recovery dv/dt
h
V/ns
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
i
–––
20
RθJA
Junction-to-Ambient (PCB Mount)
e
–––
50
V
A
°C
°C/W
33
-55 to + 150
0.02
2.5
Max.
5.1
4.0
40
150
± 20
PD - 95349C


Similar Part No. - IRF7495TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7495TR IRF-IRF7495TR Datasheet
607Kb / 8P
   High frequency DC-DC converters
More results

Similar Description - IRF7495TRPBF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR3410 KERSEMI-IRFR3410 Datasheet
1Mb / 8P
   Low Gate-to-Drain Charge to Reduce Switching Losses
logo
International Rectifier
IRF6218SPBF IRF-IRF6218SPBF_15 Datasheet
236Kb / 9P
   Low Gate to Drain Charge to Reduce Switching Losses
logo
Kersemi Electronic Co.,...
IRFR18N15D KERSEMI-IRFR18N15D_15 Datasheet
902Kb / 10P
   Low Gate to Drain Charge to Reduce
logo
NXP Semiconductors
SSL4101T NXP-SSL4101T Datasheet
428Kb / 29P
   GreenChip III SMPS control IC Frequency limitation to reduce switching losses.
Rev. 1-21 April 2011
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
STMicroelectronics
STS10DN3LH5 STMICROELECTRONICS-STS10DN3LH5 Datasheet
773Kb / 13P
   Very low switching gate charge
May 2009 Rev 1
logo
Littelfuse
MG12150S-DEN2MM LITTELFUSE-MG12150S-DEN2MM Datasheet
1Mb / 5P
   Low switching losses
logo
International Rectifier
IRGB4045DPBF IRF-IRGB4045DPBF_15 Datasheet
387Kb / 10P
   Low Switching Losses
AUIRGDC0250 IRF-AUIRGDC0250 Datasheet
305Kb / 11P
   Low Switching Losses
logo
HY ELECTRONIC CORP.
HYG30P120H1K1 HY-HYG30P120H1K1 Datasheet
1Mb / 8P
   low switching losses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com