Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF3710STRLPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3710STRLPBF
Description  Advanced Process Technology
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3710STRLPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3710STRLPBF Datasheet HTML 1Page - International Rectifier IRF3710STRLPBF Datasheet HTML 2Page - International Rectifier IRF3710STRLPBF Datasheet HTML 3Page - International Rectifier IRF3710STRLPBF Datasheet HTML 4Page - International Rectifier IRF3710STRLPBF Datasheet HTML 5Page - International Rectifier IRF3710STRLPBF Datasheet HTML 6Page - International Rectifier IRF3710STRLPBF Datasheet HTML 7Page - International Rectifier IRF3710STRLPBF Datasheet HTML 8Page - International Rectifier IRF3710STRLPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRF3710SPbF
IRF3710LPbF
HEXFET® Power MOSFET
09/15/09
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.75
°C/W
RθJA
Junction-to-Ambient (PCB Mounted,steady-state)**
–––
40
Thermal Resistance
www.irf.com
1
VDSS = 100V
RDS(on) = 23mΩ
ID = 57A
S
D
G
Advanced HEXFET® Power MOSFETs from International Rectifier utilize
advanced processing techniques to achieve extremely low on-resistance per
silicon area. This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient and reliable device for use in
a wide variety of applications.
The D2Pak is a surface mount power package capable of accommodating die
sizes up to HEX-4. It provides the highest power capability and the lowest
possible on-resistance in any existing surface mount package. The D2Pak is
suitable for high current applications because of its low internal connection
resistance and can dissipate up to 2.0W in a typical surface mount application.
The through-hole version (IRF3710L) is available for low-profile applications.
l Advanced Process Technology
l Ultra Low On-Resistance
l Dynamic dv/dt Rating
l 175°C Operating Temperature
l Fast Switching
l Fully Avalanche Rated
l Lead-Free
Description
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
‡
57
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
‡
40
A
IDM
Pulsed Drain Current
‡
180
PD @TC = 25°C
Power Dissipation
200
W
Linear Derating Factor
1.3
W/°C
VGS
Gate-to-Source Voltage
± 20
V
IAR
Avalanche Current

28
A
EAR
Repetitive Avalanche Energy

20
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ‡
5.8
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
PD - 95108A
D2Pak
IRF3710SPbF
TO-262
IRF3710LPbF


Similar Part No. - IRF3710STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710STRRPBF IRF-IRF3710STRRPBF Datasheet
297Kb / 10P
   HEXFET짰 Power MOSFET
More results

Similar Description - IRF3710STRLPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com