Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR5001STRPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR5001STRPBF
Description  UNIVERSAL ACTIVE ORING CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR5001STRPBF Datasheet(HTML) 1 Page - International Rectifier

  IR5001STRPBF Datasheet HTML 1Page - International Rectifier IR5001STRPBF Datasheet HTML 2Page - International Rectifier IR5001STRPBF Datasheet HTML 3Page - International Rectifier IR5001STRPBF Datasheet HTML 4Page - International Rectifier IR5001STRPBF Datasheet HTML 5Page - International Rectifier IR5001STRPBF Datasheet HTML 6Page - International Rectifier IR5001STRPBF Datasheet HTML 7Page - International Rectifier IR5001STRPBF Datasheet HTML 8Page - International Rectifier IR5001STRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IR5001S & (PbF)
1
www.irf.com
UNIVERSAL ACTIVE ORING CONTROLLER
Data Sheet No.PD60229 revB
F 1 - Typical application of the IR5001S in - 48V input, carrier class telecommunications equipment.
TYPICAL APPLICATION
APPLICATIONS
+48V input
-48V input B
-48V input A
IR5001
Vline
Vcc
FETch
INP
INN
Gnd
Vout
FETst
IR5001
DC
DC
FET Check Pulse
FET A Status
Fet B Status
A
B
Vline
Vcc
FETch
FETst
Vout
Gnd
INN
INP
FEATURES
DESCRIPTION
The IR5001S is a universal high-speed controller and
N-channel power MOSFET driver for Active ORing and
reverse polarity protection applications. The output voltage
of the IR5001S is determined based on the polarity of the
voltage difference on its input terminals. In particular, if the
current flow through an N-channel ORing FET is from
source to drain, the output of the IR5001S will be pulled
high to Vcc, thus turning the Active ORing FET on. If the
current reverses direction and flows from drain to source
(due to a short-circuit failure of the source, for example),
the IC will quickly switch the Active ORing FET off. Typical
turn-off delay for the IR5001S is only 130nS, which helps
to minimize voltage sags on the redundant dc voltage.
Both inputs to the IC (INN and INP) as well as Vline
input contain integrated high voltage resistors and internal
clamps. This makes the IR5001S suitable for applications
at voltages up to 100V, and with a minimum number of
external components.
Controller / driver IC in an SO-8 package for
implementation of Active ORing / reverse polarity
protection using N-channel Power MOSFETs
Suitable for both input ORing (for carrier class
telecom equipment) as well as output ORing for
redundant DC-DC and AC-DC power supplies
130ns Typical Turn-Off delay time
3A Peak Turn-Off gate drive current
Asymmetrical offset voltage of the internal high-speed
comparator prevents potential oscillations at light load
Ability to withstand continuous gate short conditions
Integrated voltage clamps on both comparator inputs
allow continuous application of up to 100V
Option to be powered either directly from 36-75V
universal telecom bus (100V max), or from an
external bias supply and bias resistor
Input/Output pins to determine the state of the Active
ORing circuit and power system redundancy
-48V/-24V Input Active ORing for carrier
class com m unication equipm ent
Reverse input polarity protection for
DC-DC power supplies
24V/48V output active ORing for
redundant AC-DC rectifiers
Low output voltage (12V, 5V, 3.3V...)
active ORing for redundant DC-DC
and AC-DC power supplies
Active ORing of multiple voltage
regulators for redundant processor
power
θJA=128°C/W
INP
Vout
Gnd
INN
Vline
4
3
2
1
5
6
7
8
FETst
Vcc
FETch
Top View
PACKAGE / ORDERING INFORMATION
PKG
PART
LEADFREE
PIN
PARTS
PARTS
T & R
DESIG.
NUMBER
PART NUMBER COUNT PER TUBE PER REEL Oriantation
S
IR5001S
IR5001SPbF
8
95
------
S
IR5001STR
IR5001STRPbF
8
-------
2500
Fig A


Similar Part No. - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
More results

Similar Description - IR5001STRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR5001S IRF-IR5001S Datasheet
149Kb / 12P
   UNIVERSAL ACTIVE ORING CONTROLLER
IR5001 IRF-IR5001 Datasheet
226Kb / 13P
   UNIVERSAL ACTIVE ORING CONTROLLER
logo
Vicor Corporation
PI2001 VICOR-PI2001 Datasheet
817Kb / 23P
   Universal Active ORing Controller IC
PI2003 VICOR-PI2003 Datasheet
605Kb / 16P
   Universal Active ORing Controller IC
PI2007 VICOR-PI2007 Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
PI2007-00-QEIG VICOR-PI2007-00-QEIG Datasheet
926Kb / 19P
   Universal High Side Active ORing Controller IC
logo
Bel Fuse Inc.
LDX-D20 BEL-LDX-D20 Datasheet
486Kb / 3P
   Active ORing Controller
logo
Diodes Incorporated
ZXGD3111N7 DIODES-ZXGD3111N7 Datasheet
653Kb / 10P
   ACTIVE ORING MOSFET CONTROLLER
logo
Sensitron
SPOR30D28 SENSITRON-SPOR30D28 Datasheet
182Kb / 7P
   ACTIVE ORING CONTROLLER MODULE
logo
Diodes Incorporated
ZXGD3114N7 DIODES-ZXGD3114N7 Datasheet
472Kb / 11P
   600V ACTIVE ORING MOSFET CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com