Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU2N100 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FQU2N100
Description  1000V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU2N100 Datasheet(HTML) 8 Page - Fairchild Semiconductor

  FQU2N100 Datasheet HTML 1Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 2Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 3Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 4Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 5Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 6Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 7Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 8Page - Fairchild Semiconductor FQU2N100 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Rev. A, February 2002
©2002 Fairchild Semiconductor Corporation
Package Dimension (Continued)
6.60
±0.20
0.76
±0.10
MAX0.96
2.30TYP
[2.30
±0.20]
2.30TYP
[2.30
±0.20]
5.34
±0.20
0.50
±0.10
0.50
±0.10
2.30
±0.20
(0.50)
(0.50)
(4.34)
I-PAK
Dimensions in Millimeters


Similar Part No. - FQU2N100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQU2N100 FAIRCHILD-FQU2N100 Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
logo
Inchange Semiconductor ...
FQU2N100 ISC-FQU2N100 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU2N100TU FAIRCHILD-FQU2N100TU Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
More results

Similar Description - FQU2N100

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
   1000V,4A N-Channel MOSFET
AOD2N100 AOSMD-AOD2N100 Datasheet
2Mb / 6P
   1000V,2A N-Channel MOSFET
AOT5N100 AOSMD-AOT5N100 Datasheet
344Kb / 6P
   1000V,4A N-Channel MOSFET
logo
SHIKUES Electronics
SK02N100T SKTECHNOLGY-SK02N100T Datasheet
1Mb / 5P
   1000V, 2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com