Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC11U12FHN33.201 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # LPC11U12FHN33.201
Description  32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC11U12FHN33.201 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button LPC11U12FHN33.201 Datasheet HTML 4Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 5Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 6Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 7Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 8Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 9Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 10Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 11Page - NXP Semiconductors LPC11U12FHN33.201 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
LPC11U1X
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 11 January 2012
8 of 69
NXP Semiconductors
LPC11U1x
32-bit ARM Cortex-M0 microcontroller
6.2 Pin description
Table 3 shows all pins and their assigned digital or analog functions ordered by GPIO port
number. The default function after reset is listed first. All port pins have internal pull-up
resistors enabled after reset with the exception of the true open-drain pins PIO0_4 and
PIO0_5.
Every port pin has a corresponding IOCON register for programming the digital or analog
function, the pull-up/pull-down configuration, the repeater, and the open-drain modes.
The USART, counter/timer, and SSP functions are available on more than one port pin.
Table 4 shows how peripheral functions are assigned to port pins.
Table 3.
Pin description
Symbol
Reset
state
[1]
Type
Description
RESET/PIO0_0
2
3
C1
[2]
I; PU
I
RESET — External reset input with 20 ns glitch
filter. A LOW-going pulse as short as 50 ns on
this pin resets the device, causing I/O ports and
peripherals to take on their default states, and
processor execution to begin at address 0. This
pin also serves as the debug select input. LOW
level selects the JTAG boundary scan. HIGH
level selects the ARM SWD debug mode.
-I/O
PIO0_0 — General purpose digital input/output
pin.
PIO0_1/CLKOUT/
CT32B0_MAT2/
USB_FTOGGLE
34
C2
[3]
I; PU
I/O
PIO0_1 — General purpose digital input/output
pin. A LOW level on this pin during reset starts
the ISP command handler.
-O
CLKOUT — Clockout pin.
-O
CT32B0_MAT2 — Match output 2 for 32-bit
timer 0.
-O
USB_FTOGGLE — USB 1 ms Start-of-Frame
signal.
PIO0_2/SSEL0/
CT16B0_CAP0
810
F1
[3]
I; PU
I/O
PIO0_2 — General purpose digital input/output
pin.
-I/O
SSEL0 — Slave select for SSP0.
-I
CT16B0_CAP0 — Capture input 0 for 16-bit
timer 0.
PIO0_3/USB_VBUS
9
14
H2
[3]
I; PU
I/O
PIO0_3 — General purpose digital input/output
pin.
-I
USB_VBUS — Monitors the presence of USB
bus power.
PIO0_4/SCL
10
15
G3
[4]
I; IA
I/O
PIO0_4 — General purpose digital input/output
pin (open-drain).
-I/O
SCL — I2C-bus clock input/output (open-drain).
High-current sink only if I2C Fast-mode Plus is
selected in the I/O configuration register.


Similar Part No. - LPC11U12FHN33.201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U12FHN33 NXP-LPC11U12FHN33 Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11U12FHN33 PHILIPS-LPC11U12FHN33 Datasheet
551Kb / 2P
   Low-cost Cortex-M0 USB solutions with Smart Card interface
April 2011
More results

Similar Description - LPC11U12FHN33.201

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC11U1X NXP-LPC11U1X Datasheet
914Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; 6 kB SRAM; USB device; USART
Rev. 1-11 April 2011
LPC11U2X NXP-LPC11U2X Datasheet
1Mb / 74P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.3 - 27 March 2014
LPC11U2X PHILIPS-LPC11U2X Datasheet
1Mb / 67P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 1-29 November 2011
LPC11E1X NXP-LPC11E1X Datasheet
1Mb / 62P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash; up to 10 kB SRAM and 4 kB EEPROM; USART
Rev.1.1-24 September 2013
LPC1111 NXP-LPC1111 Datasheet
410Kb / 59P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 01-16 April 2010
LPC11U34 NXP-LPC11U34 Datasheet
1Mb / 76P
   32-bit ARM Cortex-M0 microcontroller up to 128 kB flash up to 12 kB SRAM and 4 kB EEPROM USB device USART
Rev. 2-25 November 2013
LPC11U3X NXP-LPC11U3X Datasheet
2Mb / 77P
   32-bit ARM Cortex-M0 microcontroller; up to 128 kB flash; up to 12 kB SRAM and 4 kB EEPROM; USB device; USART
Rev. 2.4-March 27, 2020
LPC1111 NXP-LPC1111_11 Datasheet
621Kb / 64P
   32-bit ARM Cortex-M0 microcontroller; up to 32 kB flash and 8 kB SRAM
Rev. 5-22 June 2011
LPC1102_1106 NXP-LPC1102_1106 Datasheet
301Kb / 39P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 4-24 June 2011
LPC1102 NXP-LPC1102_V01 Datasheet
683Kb / 43P
   32-bit ARM Cortex-M0 microcontroller; 32 kB flash and 8 kB SRAM
Rev. 7-26 September 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com