Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC807-40.215 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BC807-40.215
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC807-40.215 Datasheet(HTML) 1 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1.
Product profile
1.1 General description
PNP general-purpose transistors.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2).
1.2 Features
High current
Low voltage
1.3 Applications
General-purpose switching and amplification
1.4 Quick reference data
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
Rev. 06 — 17 November 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
BC807
SOT23
-
BC817
BC807W
SOT323
SC-70
BC817W
BC327[1]
SOT54 (TO-92)
SC-43A
BC337
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base;
IC =10mA
--
−45
V
IC
collector current (DC)
-
-
−500 mA
ICM
peak collector current
-
-
−1A
hFE
DC current gain
IC = −100 mA;
VCE = −1V
[1]
BC807; BC807W; BC327
100
-
600
BC807-16; BC807-16W; BC327-16
100
-
250
BC807-25; BC807-25W; BC327-25
160
-
400
BC807-40; BC807-40W; BC327-40
250
-
600


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn