Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC807-40.215 Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. BC807-40.215
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC807-40.215 Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
9 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
Tamb = 25 °C
(1) IB = −16.0 mA
(2) IB = −14.4 mA
(3) IB = −12.8 mA
(4) IB = −11.2 mA
(5) IB = −9.6 mA
(6) IB = −8.0 mA
(7) IB = −6.4 mA
(8) IB = −4.8 mA
(9) IB = −3.2 mA
(10) IB = −1.6 mA
Tamb = 25 °C
(1) IB = −13.0 mA
(2) IB = −11.7 mA
(3) IB = −10.4 mA
(4) IB = −9.1 mA
(5) IB = −7.8 mA
(6) IB = −6.5 mA
(7) IB = −5.2 mA
(8) IB = −3.9 mA
(9) IB = −2.6 mA
(10) IB = −1.3 mA
Fig 10. Selection -16: Collector current as a function
of collector-emitter voltage; typical values
Fig 11. Selection -25: Collector current as a function
of collector-emitter voltage; typical values
VCE (V)
0
−5
−4
−2
−3
−1
006aaa128
−0.4
−0.8
−1.2
IC
(A)
0
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(1)
(3)
(2)
VCE (V)
0
−5
−4
−2
−3
−1
006aaa129
−0.4
−0.8
−1.2
IC
(A)
0
(1)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn