Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC807-40.215 Datasheet(PDF) 8 Page - NXP Semiconductors

Part No. BC807-40.215
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC807-40.215 Datasheet(HTML) 8 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
8 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 7.
Selection -16: Collector-emitter saturation
voltage as a function of collector current;
typical values
Fig 8.
Selection- 25: Collector-emitter saturation
voltage as a function of collector current;
typical values
IC/IB = 10
(1) Tamb = 150 °C
(2) Tamb = 25 °C
(3) Tamb = −55 °C
Fig 9.
Selection -40: Collector-emitter saturation voltage as a function of collector current; typical values
006aaa125
IC (mA)
−10−1
−103
−102
−1
−10
−10−1
−1
VCEsat
(V)
−10−2
(1)
(2)
(3)
006aaa126
−10−1
−10−2
−1
VCEsat
(V)
−10−3
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)
006aaa127
−10−1
−10−2
−1
VCEsat
(V)
−10−3
IC (mA)
−10−1
−103
−102
−1
−10
(1)
(2)
(3)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn