Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC807-40.215 Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BC807-40.215
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC807-40.215 Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
5 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ ≤ 0.02.
[2]
VBE decreases by approximately 2 mV/K with increasing temperature.
Table 8.
Characteristics
Tamb = 25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off current
IE = 0 A; VCB = −20 V
-
-
−100
nA
IE = 0 A; VCB = −20 V;
Tj =150 °C
--
−5
μA
IEBO
emitter-base cut-off current
IC = 0 A; VEB = −5 V
-
-
−100
nA
hFE
DC current gain
IC = −100 mA; VCE = −1 V
[1]
BC807; BC807W; BC327
100
-
600
BC807-16; BC807-16W;
BC327-16
100
-
250
BC807-25; BC807-25W;
BC327-25
160
-
400
BC807-40; BC807-40W;
BC327-40
250
-
600
hFE
DC current gain
IC = −500 mA; VCE = −1 V
[1] 40
-
-
VCEsat
collector-emitter saturation
voltage
IC = −500 mA; IB = −50 mA
[1] --
−700
mV
VBE
base-emitter voltage
IC = −500 mA; VCE = −1 V
[2] --
−1.2
V
Cc
collector capacitance
IE = ie = 0 A; VCB = −10 V;
f=1MHz
-5
-
pF
fT
transition frequency
IC = −10 mA; VCE = −5 V;
f=100MHz
80
-
-
MHz


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn