Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC807-40.215 Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BC807-40.215
Description  45 V, 500 mA PNP general-purpose transistors
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BC807-40.215 Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
BC807_BC807W_BC327_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
4 of 19
NXP Semiconductors
BC807; BC807W; BC327
45 V, 500 mA PNP general-purpose transistors
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
[2]
Valid for all available selection groups.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
−50
V
VCEO
collector-emitter voltage
open base;
IC =10 mA
-
−45
V
VEBO
emitter-base voltage
open collector
-
−5V
IC
collector current (DC)
-
−500
mA
ICM
peak collector current
-
−1A
IBM
peak base current
-
−200
mA
Ptot
total power dissipation
BC807
Tamb ≤ 25 °C
[1][2] -
250
mW
BC807W
Tamb ≤ 25 °C
[1][2] -
200
mW
BC327
Tamb ≤ 25 °C
[1][2] -
625
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
BC807
Tamb ≤ 25 °C
[1][2] --
500
K/W
BC807W
Tamb ≤ 25 °C
[1][2] --
625
K/W
BC327
Tamb ≤ 25 °C
[1][2] --
200
K/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn