Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC259D Datasheet(PDF) 9 Page - NXP Semiconductors

Part No. 74HC259D
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

74HC259D Datasheet(HTML) 9 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
9 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
tsu
set-up time
D, An to LE;
see Figure 10 and
Figure 11
VCC = 2.0 V
80
19
-
100
-
120
-
ns
VCC = 4.5 V
16
7
-
20
-
24
-
ns
VCC = 6.0 V
14
6
-
17
-
20
-
ns
th
hold time
D to LE; see Figure 10
and Figure 11
VCC = 2.0 V
0
19
-
0
-
0
-
ns
VCC = 4.5 V
0
6-
0
-
0
-
ns
VCC = 6.0 V
0
5-
0
-
0
-
ns
An to LE; see Figure 10
and Figure 11
VCC = 2.0 V
2
11
-
2
-
2
-
ns
VCC = 4.5 V
2
4-
2
-
2
-
ns
VCC = 6.0 V
2
3-
2
-
2
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz;
VI =GND to VCC
[4]
-19
-
-
-
-
-
pF
74HCT259
tpd
propagation
delay
D to Qn; see Figure 6
[2]
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
An to Qn; see Figure 7
[2]
VCC = 4.5 V
-
25
41
51
62
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
LE to Qn; see Figure 8
[2]
VCC = 4.5 V
-
22
38
-
48
-
57
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
tPHL
HIGH to LOW
propagation
delay
MR to Qn; see Figure 9
VCC = 4.5 V
-
23
39
-
49
-
59
ns
VCC = 5.0 V; CL =15pF
-
20
-
-
-
-
-
ns
tt
transition time
see Figure 8
[3]
VCC = 4.5 V
-
7
15
-
19
-
22
ns
tW
pulse width
LE HIGH or LOW;
see Figure 8
VCC = 4.5 V
19
11
-
24
-
29
-
ns
MR LOW; see Figure 9
VCC = 4.5 V
18
10
-
23
-
27
-
ns
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ[1] Max
Min
Max
Min
Max


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn