Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74HC259D Datasheet(PDF) 17 Page - NXP Semiconductors

Part No. 74HC259D
Description  8-bit addressable latch
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC259D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74HC259D Datasheet HTML 13Page - NXP Semiconductors 74HC259D Datasheet HTML 14Page - NXP Semiconductors 74HC259D Datasheet HTML 15Page - NXP Semiconductors 74HC259D Datasheet HTML 16Page - NXP Semiconductors 74HC259D Datasheet HTML 17Page - NXP Semiconductors 74HC259D Datasheet HTML 18Page - NXP Semiconductors 74HC259D Datasheet HTML 19Page - NXP Semiconductors 74HC259D Datasheet HTML 20Page - NXP Semiconductors 74HC259D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
74HC_HCT259
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 7 August 2012
17 of 22
NXP Semiconductors
74HC259; 74HCT259
8-bit addressable latch
Fig 16. Package outline SOT403-1 (TSSOP16)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
5.1
4.9
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.40
0.06
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT403-1
MO-153
99-12-27
03-02-18
w M
b p
D
Z
e
0.25
18
16
9
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP16: plastic thin shrink small outline package; 16 leads; body width 4.4 mm
SOT403-1
A
max.
1.1
pin 1 index


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn