Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HC4051D-T Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74HC4051D-T
Description  8-channel analog multiplexer/demultiplexer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC4051D-T Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74HC4051D-T Datasheet HTML 10Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 11Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 12Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 13Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 14Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 15Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 16Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 17Page - NXP Semiconductors 74HC4051D-T Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
74HC_HCT4051
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 7 — 19 July 2012
14 of 31
NXP Semiconductors
74HC4051; 74HCT4051
8-channel analog multiplexer/demultiplexer
ton
turn-on time
E to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE = 0 V
-
72
345
ns
VCC = 4.5 V; VEE = 0 V
-
29
69
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
22
-
ns
VCC = 6.0 V; VEE = 0 V
-
21
59
ns
VCC = 4.5 V; VEE = 4.5 V
-
18
51
ns
Sn to Vos; RL = ; see Figure 14
[2]
VCC = 2.0 V; VEE = 0 V
-
66
345
ns
VCC = 4.5 V; VEE = 0 V
-
28
69
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
20
-
ns
VCC = 6.0 V; VEE = 0 V
-
19
59
ns
VCC = 4.5 V; VEE = 4.5 V
-
16
51
ns
toff
turn-off time
E to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE = 0 V
-
58
290
ns
VCC = 4.5 V; VEE = 0 V
-
31
58
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
18
-
ns
VCC = 6.0 V; VEE = 0 V
-
17
49
ns
VCC = 4.5 V; VEE = 4.5 V
-
18
42
ns
Sn to Vos; RL =1 k; see Figure 14
[3]
VCC = 2.0 V; VEE = 0 V
-
61
290
ns
VCC = 4.5 V; VEE = 0 V
-
25
58
ns
VCC = 5.0 V; VEE =0 V; CL = 15 pF
-
19
-
ns
VCC = 6.0 V; VEE = 0 V
-
18
49
ns
VCC = 4.5 V; VEE = 4.5 V
-
18
42
ns
CPD
power dissipation
capacitance
per switch; VI = GND to VCC
[4] -25
-
pF
Tamb = 40 Cto+85 C
tpd
propagation delay Vis to Vos; RL =  ; see Figure 13
[1]
VCC = 2.0 V; VEE =0 V
-
-
75
ns
VCC = 4.5 V; VEE =0 V
-
-
15
ns
VCC = 6.0 V; VEE =0 V
-
-
13
ns
VCC = 4.5 V; VEE = 4.5 V
-
-
10
ns
Table 9.
Dynamic characteristics for 74HC4051 …continued
GND = 0 V; tr =tf =6ns; CL = 50 pF; for test circuit see Figure 15.
Vis is the input voltage at a Yn or Z terminal, whichever is assigned as an input.
Vos is the output voltage at a Yn or Z terminal, whichever is assigned as an output.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - 74HC4051D-T

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC4051D-Q100 NEXPERIA-74HC4051D-Q100 Datasheet
913Kb / 31P
   8-channel analog multiplexer/demultiplexer
More results

Similar Description - 74HC4051D-T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
[Old version datasheet]    8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
   8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
[Old version datasheet]   8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
   8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051 Datasheet
259Kb / 9P
   8-CHANNEL ANALOG MULTIPLEXER / DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051 Datasheet
241Kb / 11P
   8-Channel Analog Multiplexer/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com