Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA78M09 Datasheet(PDF) 5 Page - Rohm

Part # BA78M09
Description  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA78M09 Datasheet(HTML) 5 Page - Rohm

  BA78M09 Datasheet HTML 1Page - Rohm BA78M09 Datasheet HTML 2Page - Rohm BA78M09 Datasheet HTML 3Page - Rohm BA78M09 Datasheet HTML 4Page - Rohm BA78M09 Datasheet HTML 5Page - Rohm BA78M09 Datasheet HTML 6Page - Rohm BA78M09 Datasheet HTML 7Page - Rohm BA78M09 Datasheet HTML 8Page - Rohm BA78M09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
5/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●Electrical Characteristics BA78□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24),Io=500mA unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Output Voltage 1
Vo1
05
4.8
5.0
5.2
V
Io=500mA
06
5.75
6.0
6.25
07
6.7
7.0
7.3
08
7.7
8.0
8.3
09
8.6
9.0
9.4
10
9.6
10.0
10.4
12
11.5
12.0
12.5
15
14.4
15.0
15.6
18
17.3
18.0
18.7
20
19.2
20.0
20.8
24
23.0
24.0
25.0
Output Voltage 2
Vo2
05
4.75
-
5.25
V
Vin=7.5~20V, Io=5mA~1A
06
5.7
-
6.3
Vin=8.5~21V, Io=5mA~1A
07
6.65
-
7.35
Vin=9.5~22V, Io=5mA~1A
08
7.6
-
8.4
Vin=10.5~23V, Io=5mA~1A
09
8.55
-
9.45
Vin=11.5~26V, Io=5mA~1A
10
9.5
-
10.5
Vin=12.5~25V, Io=5mA~1A
12
11.4
-
12.6
Vin=15~27V, Io=5mA~1A
15
14.25
-
15.75
Vin=17.5~30V, Io=5mA~1A
18
17.1
-
18.9
Vin=21~33V, Io=5mA~1A
20
19.0
-
21.0
Vin=23~33V, Io=5mA~1A
24
22.8
-
25.2
Vin=27~33V, Io=5mA~1A
Line Regulation 1
Reg.I1
05
-
3
100
mV
Vin=7~25V, Io=500mA
06
-
4
120
Vin=8~25V, Io=500mA
07
-
5
140
Vin=9~25V, Io=500mA
08
-
5
160
Vin=10.5~25V, Io=500mA
09
-
6
180
Vin=11.5~26V, Io=500mA
10
-
7
200
Vin=12.5~27V, Io=500mA
12
-
8
240
Vin=14.5~30V, Io=500mA
15
-
9
300
Vin=17.5~30V, Io=500mA
18
-
10
360
Vin=21~33V, Io=500mA
20
-
12
400
Vin=23~33V, Io=500mA
24
-
15
480
Vin=27~33V, Io=500mA
Line Regulation 2
Reg.I2
05
-
1
50
mV
Vin=8~12V, Io=500mA
06
-
2
60
Vin=9~13V, Io=500mA
07
-
2
70
Vin=10~15V, Io=500mA
08
-
3
80
Vin=11~17V, Io=500mA
09
-
4
90
Vin=13~19V, Io=500mA
10
-
4
100
Vin=14~20V, Io=500mA
12
-
5
120
Vin=16~22V, Io=500mA
15
-
5
150
Vin=20~26V, Io=500mA
18
-
5
180
Vin=24~30V, Io=500mA
20
-
7
200
Vin=26~32V, Io=500mA
24
-
10
240
Vin=30~33V, Io=500mA
Ripple Rejection
R.R.
05
62
78
-
dB
ein=1Vrms, f=120Hz,
Io=100mA
06
59
73
-
07
57
69
-
08
56
65
-
09
56
64
-
10
55
64
-
12
55
63
-
15
54
62
-
18
53
61
-
20
53
60
-
24
50
58
-
Temperature
Coefficient of
Output Voltage
Tcvo
05
-
-1.0
-
mV/℃
Io=5mA, Tj=0~125℃
06/07/08/09/10/12
-
-0.5
-
15/18
-
-0.6
-
20/24
-
-0.7
-
Peak Output Current
Io-p
common
-
1.7
-
A
Tj=25℃
Dropout Voltage
Vd
common
-
2.0
-
V
Io=1A


Similar Part No. - BA78M09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78M09 ROHM-BA78M09 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M09 ROHM-BA78M09 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M09 ROHM-BA78M09 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
BA78M09 ROHM-BA78M09 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M09CP ROHM-BA78M09CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

Similar Description - BA78M09

ManufacturerPart #DatasheetDescription
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com