Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1906052 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 1906052
Description  FO C/A - 2 fiber, 2mm, 62.5/125, OFNR jacket, LC-Duplex Secure to LC-Duplex
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1906052 Datasheet(HTML) 3 Page - Tyco Electronics

  1906052 Datasheet HTML 1Page - Tyco Electronics 1906052 Datasheet HTML 2Page - Tyco Electronics 1906052 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
XXXXXXXXXXXXXXX
Tyco logo
Made in XXXX
X-XXXXXXX-X
Per specification 107-1645-1
Trace # - Bar Code
Trace # - Human Readable
Country of Origin
Part Number
This label is used on all lengths on this drawing.
Label 1
XXXXXXXXXXXXXXX
Tyco logo
Made in XXXX
X-XXXXXXX-X
Per specification 107-1645-1
Trace # - Bar Code
Trace # - Human Readable
Country of Origin
Part Number
This label is used on all lengths on this drawing.
Label 2
FO C/A - 2 fiber, 2mm, 62.5/125, OFNR (Riser) jacket, LC-Duplex
Secure to LC-Duplex
1906052
A
NTS
A2
3 of 3
RELEASE
5/24/2006
Tyco Electronics, Inc.
Harrisburg, PA 17105-3608
Cable Assy Configurator
Cable Assy Configurator
Refer to Engineering Change
Rev Per EC#
CE
16
A
-
-
meters
-
-
-
-
-
-
C-
Customer Print
CAC Customer Layout Rev: D


Similar Part No. - 1906052

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
19060500 PHOENIX-19060500 Datasheet
86Kb / 6P
   Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
19060500 PHOENIX-19060500 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
19060500 PHOENIX-19060500 Datasheet
261Kb / 18P
   Modem - PSI-MODEM-SHDSL/ETH
09/12/2020
19060590 PHOENIX-19060590 Datasheet
86Kb / 6P
   Modem - PSI-DATA/BASIC-MODEM/RS232
09/12/2020
19060590 PHOENIX-19060590 Datasheet
148Kb / 9P
   Modem - PSI-MODEM/ETH
09/12/2020
More results

Similar Description - 1906052

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6278032 MACOM-6278032 Datasheet
78Kb / 3P
   FO C/A 2 FIBER, 62.5/125, OFNR JACKET, MT-RJ TO MT-RJ
logo
Tripp Lite. All Rights ...
N32002M TRIPPLITE-N32002M Datasheet
490Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 2M (6-ft.)
N32030M TRIPPLITE-N32030M Datasheet
494Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 30M (100-ft.)
N32061M TRIPPLITE-N32061M Datasheet
492Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 61M (200-ft.)
N320-405 TRIPPLITE-N320-405 Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 123M (405-ft.)
N32003M TRIPPLITE-N32003M Datasheet
495Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 3M (10-ft.)
N32025M TRIPPLITE-N32025M Datasheet
484Kb / 2P
   Duplex Multimode 62.5-125 Fiber Patch Cable (LC-LC), 25M (82-ft.)
N320-03M TRIPPLITE-N320-03M Datasheet
167Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 3M (10-ft.)
N320-07M TRIPPLITE-N320-07M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 7M (23-ft.)
N320-61M TRIPPLITE-N320-61M Datasheet
166Kb / 2P
   Duplex Multimode 62.5/125 Fiber Patch Cable (LC/LC), 61M (200-ft.)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com