Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3C-S20DW Datasheet(PDF) 6 Page - Omron Electronics LLC

Part No. E3C-S20DW
Description  Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S20DW Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3C-S20DW Datasheet HTML 2Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 3Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 4Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 5Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 6Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 7Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 8Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 9Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
E3C
6
Diffuse-reflective
Convergent-reflective
Convergent-reflective
E3C-DS10 (Example 2)
E3C-LS3R (Example 1)
E3C-LS3R (Example 2)
Excess Gain vs. Set Distance
E3C-S20W
E3C-S30T/-S30W
E3C-S50
E3C-DS5W
E3C-DS10T
E3C-LS3R
X
Y
40
30
20
10
0
−10
−20
−30
−40
40
80
120
160
200
ON
OFF
Optical
axis
Moving direction
of object
Sensing
distance
X (mm)
X
Y
2
1
0
−1
−2
22
26
28
30
32 34
36 38
ON
OFF
24
Optical
axis
Sensing distance
X (mm)
Moving direction
of object
X
Y
2
1
0
−1
−2
22
26
28
30
32 34
38
36
ON
OFF
24
Optical
axis
Moving
direction
of object
Sensing distance
X (mm)
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
100
200
300
400
500
Set distance (mm)
Operating Level
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
0.2
0.4
0.6
0.8
1
Operating Level
Set distance (mm)
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
0.2
0.4
0.6
0.8
1
Operating Level
Set distance (mm)
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
0
50
100
150
200
Operating Level
Set distance (mm)
0
50
100
150
200
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
Operating Level
Set distance (mm)
10
0
203040
50
100
70
50
30
10
7
5
3
1
0.7
0.5
0.3
0.1
Operating Level
Set distance (mm)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn