Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3C-S20DW Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. E3C-S20DW
Description  Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S20DW Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3C-S20DW Datasheet HTML 1Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 2Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 3Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 4Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 5Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 6Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 7Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 8Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
E3C
4
Amplifier Units
* The terminal pins are used for connection between amplifiers for synchronous operation.
Item
Model
E3C-A
E3C-C
E3C-JC4P
E3C-GE4
Power supply
voltage
100 to 240 VAC
±10%, 50/60 Hz
12 to 24 VDC
±10%, ripple (p-p): 1 V max.
Power (current)
consumption
3 W max.
50 mA max.
Control
output
Transis-
tor
output
Load power supply voltage: 24 VDC max., load current: 80 mA
max., voltage output type, output current: 1 to 4 mA (residual
voltage: 1.2 V max.)
Light-ON/Dark-ON switch selectable
Load power supply voltage: 24
VDC max., load current: 100
mA max., NPN open collector
output type (residual voltage:
1 V max.)
Light-ON/Dark-ON switch se-
lectable
Load power supply voltage: 24
VDC max., load current:
80 mA max., voltage output
type, output current: 1 to 4 mA
(residual voltage: 0.7 V max.)
Light-ON/Dark-ON cable con-
nection selectable
Relay out-
put
220 VAC 1 A cos
φ=1
(resistive load)
SPDT contact only
---
External
synchronous input
---
H = 6 to 30 V
L = 0 to 2 V
When L, turns OFF the control
output forcibly.
---
Timer function
---
ON/OFF, oneshot delay (se-
lectable): 1 or 10 s max.
OFF-delay 0/40 ms (switch se-
lectable)
---
Ambient
temperature range
Operating:
−10° to 55°C, Storage: −25° to 70°C (with no icing or condensation)
Ambient humidity
range
Operating: 35% to 85%, Storage: 35% to 95% (with no condensation)
Insulation resistance
20 M
Ω min. at 500 VDC
Dielectric strength
500 VAC at 50/60 Hz for 1 minute
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 2 hours each in X, Y, and Z directions
Shock resistance
Destruction: 300 ms2 three times in each of X, Y and Z directions
Degree of protection
IEC IP20
(limited to indoor use)
IEC IP60
(limited to indoor use)
IEC IP20
(limited to indoor use)
Protection
Reverse polarity protection, output short-circuit protection, mutual interference prevention
Response
time
No
contact
Operate or reset: 1 ms max./2 ms max. each (switch select-
able)
Operate or reset: 1 ms max.
Operate or reset: 1 ms max./2 ms
max. each (switch selectable)
Relay
Operate or reset: 20 ms max.
---
Connection method
Terminal block
Terminal block input cable
pullout
(standard cable length: 2 m)
Terminal block
Weight
(packed state)
Approx. 200 g
Approx. 80 g
Approx. 15 g
Material
Case
ABS
Polycarbonate
Mounting
Brackets
Stainless steel
---
Iron
---
Accessories
Connection Socket (PF113A)
Instruction manual
Mounting Bracket, Adjustment
screwdriver, Caution label,
Instruction manual
Instruction manual


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn