Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3C-S20DW Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. E3C-S20DW
Description  Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S20DW Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E3C-S20DW Datasheet HTML 8Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 9Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 10Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 11Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 12Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 13Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 14Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 15Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
E3C
15
Amplifier Units
Accessories (Order Separately)
Mounting Brackets
Refer to E39-L/F39-L/E39-S/E39-R for details.
Connecting Sockets
Refer to E39-L/F39-L/E39-S/E39-R for details.
E3C-A
E3C-C
49
48
48
Operation indicator (red)
Stability indicator (green)
Light indicator (red)
51.5
PF113A
4
24.5
109.5
73.5
3
4
6
8
6
E3C-JC4P
50
(10)
5
Two, 3.3 dia.
Operation selector
Caution label*
Sensitivity adjuster
Light indicator
M2.6
Stability indicator
Timer mode selector switch
60
16
R1.6
Mounting bracket (iron) (detachable)
23.5
43
10
6
14
12
3.5
30
2.5
35.5
2
3.2
14
*After adjusting the sensitivity, attach the caution label at the location indicated by
above to prevent malfunction.
4.5-dia. vinyl-insulated round cable with
4 conductors (Conductor cross section:
0.2mm2, Insulator diameter: 1.2mm),
Standard length: 2 m
With Mounting Bracket Attached
E3C-GE4
Connector
Use the PYF08A front connection socket
or PY08 rear connection socket.
20.7
Stability indicator (green)
Light indicator (red)
35.5
5.4
27.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn