Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E3C-S20DW Datasheet(PDF) 13 Page - Omron Electronics LLC

Part No. E3C-S20DW
Description  Thin, Compact Head Saves Space and Mounts Closely. Built-in Interference Protection Provided.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3C-S20DW Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3C-S20DW Datasheet HTML 8Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 9Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 10Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 11Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 12Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 13Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 14Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 15Page - Omron Electronics LLC E3C-S20DW Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
E3C
13
E3C-S20W
3.8 dia.
11±0.2
3.5
2.5
2 dia. (emitter)
Light indicator (red)
(Red)
(white)
5
4
4.5
4.5
3.6
18
2 dia. (receiver)
2
2,000
(6) 12.5
2.8
1.4
2.3 dia.
1.75-dia. shielded cable
with 1 conductor
(Conductor cross section:
0.3 mm2),
Standard length: 2 m
Receiver
Emitter
Emitter:
E3C-S20LW
Receiver: E3C-S20DW
E3C-S30W
2.2
dia.
4
3.6 dia.
5
7.5
12
2.2
2
8
15
1.5 dia. (receiver)
3
1.5
5
2.4
1.5 dia. (emitter)
1.93-dia. shielded robotics
cable with 1 conductor
(Conductor cross section:
0.15 mm2),
Standard length: 2 m
Receiver
Emitter
Light indicator
(red) 1.2 dia.
Emitter:
E3C-S30LW
Receiver: E3C-S30DW
E3C-S30T
2.2
dia.
15
3.85
5
1.5 dia. (receiver)
3.6 dia.
12
7.5
2.2
7.85
1.5 dia. (emitter)
3
1.5
5
2.4
1.93-dia. shielded robotics
cable with 1 conductor
(Conductor cross section:
0.15 mm2),
Standard length: 2 m
Receiver
Emitter
Light indicator
(red) 1.2 dia.
Emitter:
E3C-S30LT
Receiver: E3C-S30DT
4
5
Optical axis
position
3.2
10
2.4
6.6
19
3.2
3.9
Receiver
Emitter
Lens
5
10
9
4.3
26
2
8.5±1
15
R3.3
R1.2
2.4-dia. shielded cable
with 2 conductors
(Conductor cross section: 0.3 mm2),
Standard length: 2 m
Light indicator
(red)
E3C-DS10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn