Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BA17805CP-E2 Datasheet(PDF) 12 Page - Rohm

Part No. BA17805CP-E2
Description  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA17805CP-E2 Datasheet(HTML) 12 Page - Rohm

Back Button BA17805CP-E2 Datasheet HTML 5Page - Rohm BA17805CP-E2 Datasheet HTML 6Page - Rohm BA17805CP-E2 Datasheet HTML 7Page - Rohm BA17805CP-E2 Datasheet HTML 8Page - Rohm BA17805CP-E2 Datasheet HTML 9Page - Rohm BA17805CP-E2 Datasheet HTML 10Page - Rohm BA17805CP-E2 Datasheet HTML 11Page - Rohm BA17805CP-E2 Datasheet HTML 12Page - Rohm BA17805CP-E2 Datasheet HTML 13Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
12/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●Ordering part number
B
A
7
8
M
0
5
F
P
-
E
2
Part No
Part No
Output
Current
None:1A
M
:0.5A
Output
Voltage
05 : 5V
24 : 24V
Package
CP :TO220CP-3
FP :TO252-3
Packaging and forming specification
E2: Embossed tape and reel
(TO220CP-3, TO252-3)
(Unit : mm)
TO220CP-3
12
3
10.0
+0.3
-0.1
φ3.2±0.1
0.82
±0.1
(0.585)
1.3
2.54
2.46
2.8
+0.2
-0.1
4.5
±0.1
2.85
0.42
±0.1
23
1
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
500pcs
E2
()
(Unit : mm)
TO252-3
2
1
3
0.65
0.65
0.75
FIN
6.5
±0.2
2.3
±0.2
2.3
±0.2
0.5
±0.1
1.0
±0.2
2.3
±0.2
0.5
±0.1
5.1
+0.2
-0.1
C0.5
Direction of feed
1pin
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the lower left when you hold
reel on the left hand and you pull out the tape on the right hand
2000pcs
E2
(
)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn