Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA10358F Datasheet(PDF) 10 Page - Rohm

Part # BA10358F
Description  Ground Sense Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA10358F Datasheet(HTML) 10 Page - Rohm

Back Button BA10358F Datasheet HTML 6Page - Rohm BA10358F Datasheet HTML 7Page - Rohm BA10358F Datasheet HTML 8Page - Rohm BA10358F Datasheet HTML 9Page - Rohm BA10358F Datasheet HTML 10Page - Rohm BA10358F Datasheet HTML 11Page - Rohm BA10358F Datasheet HTML 12Page - Rohm BA10358F Datasheet HTML 13Page - Rohm BA10358F Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
10/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○BA10324A family
-10
-5
0
5
10
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
3V
32V
5V
BA10324A family
60
70
80
90
100
110
120
130
140
4
6
8
10
12
14
16
SUPPLY VOLTAGE [V]
-40℃
85℃
25℃
BA10324A family
60
70
80
90
100
110
120
130
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
15V
5V
BA10324A family
   
40
60
80
100
120
140
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
40
60
80
100
120
140
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [
℃]
5V
3V
32V
BA10324A family
60
70
80
90
100
110
120
130
140
-50
-250
255075
100
AMBIENT TEMPERATURE [
℃]
BA10324A family
-40℃
25℃
BA10324A family
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [℃]
Input Offset Voltage - Ambient Temperature
(Vicm=0[V], VOUT=1.4[V])
3V
32V
5V
BA10324A family
0
10
20
30
40
50
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
Input Bias Current - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
85℃
-40℃
25℃
BA10324A family
0
10
20
30
40
50
-50
-25
0
255075
100
AMBIENT TEMPERATURE [℃]
Input Bias Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
3V
5V
32V
BA10324A family
Input Bias Current - Ambient Temperature
(VCC=30[V],Vicm=28[V],VOUT=1.4[V])
Input Offset Voltage
- Common Mode Input Voltage
(VCC=5[V])
Input Offset Current - Supply Voltage
(Vicm=0[V],VOUT=1.4[V])
Input Offset Current - Ambient Temperature
(Vicm=0[V],VOUT=1.4[V])
Large Signal Voltage Gain - Supply Voltage
(RL=2[k
Ω])
Large Signal Voltage Gain
- Ambient Temperature
(RL=2[k
Ω])
Common Mode Rejection Ratio
- Ambient Temperature
Power Supply Rejection Ratio
- Ambient Temperature
85℃
Common Mode Rejection Ratio
-
Supply Voltage
Fig. 37
Fig. 38
Fig. 39
Fig. 40
Fig. 41
Fig. 42
Fig. 43
Fig. 44
Fig. 45
Fig. 46
Fig. 47
Fig. 48
   
   
   
-8
-6
-4
-2
0
2
4
6
8
-1
012
345
COMMON MODE INPUT VOLTAGE [V]
0
10
20
30
40
50
-50
-25
0
25
50
75
100
AMBIENT TEMPERATURE [°C]
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
BA10324A family
-40℃
25℃
85℃
BA10324A family
-40℃
25℃
85℃
BA10324A family
   
   


Similar Part No. - BA10358F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10358F ROHM-BA10358F	 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
63Kb / 5P
   Dual ground sense operational amplifier
BA10358F ROHM-BA10358F Datasheet
258Kb / 5P
   GROUND SENSE DUAL OPERATIONAL AMPLIFIERS
BA10358F ROHM-BA10358F Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA10358F ROHM-BA10358F Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
More results

Similar Description - BA10358F

ManufacturerPart #DatasheetDescription
logo
Rohm
BA10324AF-E2 ROHM-BA10324AF-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_13 Datasheet
644Kb / 48P
   Ground Sense Operational Amplifiers
BA10358F-E2 ROHM-BA10358F-E2_14 Datasheet
1Mb / 56P
   Ground Sense Operational Amplifiers
BA10358FV-E2 ROHM-BA10358FV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
LM358F-E2 ROHM-LM358F-E2 Datasheet
1Mb / 48P
   Ground Sense Operational Amplifiers
01.Aug.2016 Rev.005
BA10358F-E2 ROHM-BA10358F-E2 Datasheet
554Kb / 26P
   Ground Sense Operational Amplifiers
BA10324AFV-E2 ROHM-BA10324AFV-E2 Datasheet
558Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_11 Datasheet
735Kb / 26P
   Ground Sense Operational Amplifiers
BA10358F ROHM-BA10358F_09 Datasheet
610Kb / 25P
   Operational Amplifiers: Ground Sense
BA3404FJ ROHM-BA3404FJ Datasheet
516Kb / 22P
   Ground Sense Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com