Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQD17N08L Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQD17N08L
Description  80V LOGIC N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08L Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQD17N08L Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 8Page - Fairchild Semiconductor FQD17N08L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Rev. A2, December 2000
©2000 Fairchild Semiconductor International
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
10
-1
10
0
10
1
25℃
150℃
※ Notes :
1. V
GS = 0V
2. 250μs Pulse Test
V
SD , Source-Drain Voltage [V]
02468
10
10
-1
10
0
10
1
※ Notes :
1. V
DS = 25V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS
, Gate-Source Voltage [V]
10
-1
10
0
10
1
10
0
10
1
V
GS
Top :
10.0 V
8.0 V
6.0 V
5.0 V
4.5 V
4.0 V
3.5 V
Bottom : 3.0 V
※ Notes :
1. 250μs Pulse Test
2. T
C = 25
V
DS, Drain-Source Voltage [V]
0
2
4
6
8
10121416
0
2
4
6
8
10
12
V
DS = 40V
V
DS = 64V
※ Note : I
D = 16.5A
Q
G, Total Gate Charge [nC]
10
-1
10
0
10
1
0
100
200
300
400
500
600
700
800
900
1000
1100
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
※ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS, Drain-Source Voltage [V]
0
10203040
50
0.0
0.1
0.2
0.3
0.4
※ Note : T
J = 25
V
GS = 10V
V
GS = 5V
I
D , Drain Current [A]
Typical Characteristics
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics


Similar Part No. - FQD17N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
FQD17N08L FAIRCHILD-FQD17N08L Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
logo
Inchange Semiconductor ...
FQD17N08L ISC-FQD17N08L Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-07
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD17N08LTM FAIRCHILD-FQD17N08LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
More results

Similar Description - FQD17N08L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB17N08L FAIRCHILD-FQB17N08L Datasheet
571Kb / 9P
   80V LOGIC N-Channel MOSFET
FQD9N08L FAIRCHILD-FQD9N08L Datasheet
543Kb / 9P
   80V LOGIC N-Channel MOSFET
FQPF17N08L FAIRCHILD-FQPF17N08L Datasheet
556Kb / 8P
   80V LOGIC N-Channel MOSFET
FQPF9N08L FAIRCHILD-FQPF9N08L Datasheet
552Kb / 8P
   80V LOGIC N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD17N08L KERSEMI-KSMD17N08L Datasheet
1Mb / 8P
   80V LOGIC N-Channel MOSFET
logo
Fairchild Semiconductor
FQP17N08L FAIRCHILD-FQP17N08L Datasheet
562Kb / 8P
   80V LOGIC N-Channel MOSFET
FQP9N08L FAIRCHILD-FQP9N08L Datasheet
541Kb / 8P
   80V LOGIC N-Channel MOSFET
FQB9N08L FAIRCHILD-FQB9N08L Datasheet
612Kb / 9P
   80V LOGIC N-Channel MOSFET
logo
Bruckewell Technology L...
MS90N08 BWTECH-MS90N08 Datasheet
913Kb / 8P
   80V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4444L WHXPCB-AO4444L Datasheet
2Mb / 6P
   80V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com