Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1FL40-5063 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D1FL40-5063
Description  400V 0.8A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D1FL40-5063 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D1FL40-5063 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D1FL40-5063 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd D1FL40-5063 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - D1FL40-5063

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D1FL40 SHINDENGEN-D1FL40 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(400V 0.8A)
D1FL40U SHINDENGEN-D1FL40U Datasheet
150Kb / 4P
   Fast Recovery Diode
More results

Similar Description - D1FL40-5063

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCR0840 KODENSHI-SCR0840 Datasheet
298Kb / 6P
   400V, 0.8A Sensitive Gate SCRs
logo
Shindengen Electric Mfg...
D1FL40 SHINDENGEN-D1FL40 Datasheet
463Kb / 7P
   Super Fast Recovery Rectifiers(400V 0.8A)
logo
GTM CORPORATION
GMAC97A6 GTM-GMAC97A6 Datasheet
283Kb / 4P
   SENSITIVE GATE TRIACS SILICON BIDIRECTIONAL THYRISTORS 0.8A ,400V
logo
Rugao Dachang Electroni...
EG1 DACHANG-EG1 Datasheet
119Kb / 2P
   Plastic High-Efficiency Rectifiers Reverse Voltage 400V Forward Current 0.8A
logo
GTM CORPORATION
GMPCR06 GTM-GMPCR06 Datasheet
217Kb / 3P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
GMCR100 GTM-GMCR100 Datasheet
207Kb / 3P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING THYRISTORS 0.8A, 400V
logo
STMicroelectronics
P0130AA STMICROELECTRONICS-P0130AA Datasheet
103Kb / 5P
   0.8A SCRs
logo
New Jersey Semi-Conduct...
X00602MA NJSEMI-X00602MA Datasheet
71Kb / 2P
   0.8A SCRs
logo
Kersemi Electronic Co.,...
P0102DA KERSEMI-P0102DA Datasheet
487Kb / 6P
   0.8A SCRs
P0130AA KERSEMI-P0130AA Datasheet
435Kb / 5P
   0.8A SCRs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com