Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC3217IYE Datasheet(PDF) 2 Page - Intel Corporation

Part # DC3217IYE
Description  The Shape that Fits the Future
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DC3217IYE Datasheet(HTML) 2 Page - Intel Corporation

  DC3217IYE Datasheet HTML 1Page - Intel Corporation DC3217IYE Datasheet HTML 2Page - Intel Corporation DC3217IYE Datasheet HTML 3Page - Intel Corporation DC3217IYE Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
think You know what small can do? think again.
No more compromising between performance, profile, and price. The Next Unit
of Computing (NUC) is a tiny 4"×4"×2" computing device with the power of the 3rd
generation Intel® Core™ i3 processor. Its lower power consumption enables innovative
system designs and energy-efficient applications in places like digital signage, home
entertainment, and portable uses.
superior processing and graphics
Visibly smart graphics using the 3rd generation Intel® Core™ i3-3217U processor deliver
amazing performance and visually stunning graphics.
stunninglY small form factor
The 4"×4"×2" form factor unlocks a world of potential design applications, from digi-
tal signage and kiosks to portable innovations.
adVanced technologY
The NUC features two SO-DIMM sockets for expandability upto 16 GB of memory,
two PCIe* mini-card connectors for flexible support of wireless and SSD configurations,
BIOS vault technology, fast boot and the Intel® Visual BIOS. The NUC also supports
The Intel® Anti-Theft™ Technology providing hardware intelligence designed to protect
your device and its data if its lost or stolen.
Integrated Board
• D33217GKE
Dimensions
• 116.6mm×112.0mm×39.0mm (4.59”×4.41”×1.55”)
Cooling
• Active
Drive options
• mSATA
Color options
• Black only
Chassis design
• Aluminum and Plastic
Power Supply
• 19V, 65W DC-DC power adapter
Additional Features
• Antenna for WIFI and Bluetooth pre-assembled
for ease of deployment
• Front Panel USB 2.0
• VESA mounting bracket included
• Integration Guide
• 3 year Product Life Cycle


Similar Part No. - DC3217IYE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
   The Shape that Fits the Future
More results

Similar Description - DC3217IYE

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217BY INTEL-DC3217BY Datasheet
694Kb / 4P
   The Shape that Fits the Future
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
   The CLoud Flexible Polymer Cloud Shape Antenna
logo
TOKYO SEIMITSU CO., LTD
PROBES ACCRETECH-PROBES Datasheet
322Kb / 2P
   The only active scanning probe that the measuring force is controllable
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
logo
Freescale Semiconductor...
MKL25Z32VFM4 FREESCALE-MKL25Z32VFM4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
STMicroelectronics
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
   The STCCxxxx devices also integrate the autodetect feature that supports both DCP
logo
Wurth Elektronik GmbH &...
784787121 WURTH-784787121 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com