Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74HC04N3 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74HC04N3
Description  HEX INVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04N3 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC04N3 Datasheet HTML 1Page - Texas Instruments SN74HC04N3 Datasheet HTML 2Page - Texas Instruments SN74HC04N3 Datasheet HTML 3Page - Texas Instruments SN74HC04N3 Datasheet HTML 4Page - Texas Instruments SN74HC04N3 Datasheet HTML 5Page - Texas Instruments SN74HC04N3 Datasheet HTML 6Page - Texas Instruments SN74HC04N3 Datasheet HTML 7Page - Texas Instruments SN74HC04N3 Datasheet HTML 8Page - Texas Instruments SN74HC04N3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN54HC04, SN74HC04
www.ti.com
SCLS078E – DECEMBER 1982 – REVISED OCTOBER 2010
Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
TA = 25°C
SN54HC04
SN74HC04
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
1.9
1.998
1.9
1.9
IOH = –20 mA
4.5 V
4.4
4.499
4.4
4.4
VI = VIH or
VOH
6 V
5.9
5.999
5.9
5.9
V
VIL
IOH = –4 mA
4.5 V
3.98
4.3
3.7
3.84
IOH = –5.2 mA
6 V
5.48
5.8
5.2
5.34
2 V
0.002
0.1
0.1
0.1
IOL = 20 mA
4.5 V
0.001
0.1
0.1
0.1
VI = VIH or
VOL
6 V
0.001
0.1
0.1
0.1
V
VIL
IOL = 4 mA
4.5 V
0.17
0.26
0.4
0.33
IOL = 5.2 mA
6 V
0.15
0.26
0.4
0.33
II
VI = VCC or 0
6 V
±0.1
±100
±1000
±1000
nA
ICC
VI = VCC or 0, IO = 0
6 V
2
40
20
mA
Ci
2 V to 6 V
3
10
10
10
pF
Switching Characteristics
over operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1)
TA = 25°C
SN54HC04
SN74HC04
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
2 V
45
95
125
120
tpd
A
Y
4.5 V
9
19
29
24
ns
6 V
8
16
25
20
2 V
38
75
110
95
tt
Y
4.5 V
8
15
22
19
ns
6 V
6
13
19
16
Operating Characteristics
TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per inverter
No load
20
pF
Copyright © 1982–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN54HC04, SN74HC04


Similar Part No. - SN74HC04N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC04N3 TI1-SN74HC04N3 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
More results

Similar Description - SN74HC04N3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com