Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DC3217BY Datasheet(PDF) 2 Page - Intel Corporation

Part # DC3217BY
Description  The Shape that Fits the Future
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DC3217BY Datasheet(HTML) 2 Page - Intel Corporation

  DC3217BY Datasheet HTML 1Page - Intel Corporation DC3217BY Datasheet HTML 2Page - Intel Corporation DC3217BY Datasheet HTML 3Page - Intel Corporation DC3217BY Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
tHiNK You KNoW WHAt SMALL cAN do? tHiNK AGAiN.
It’s one thing to power your digital display and transfer video blazingly fast. It’s another
to do all that and more with a miniscule, intelligent powerhouse of a computing device.
Which is why we invented the Intel® Next Unit of Computing (NUC). At a diminutive
4”×4”×2” form factor and equipped with the Third Generation Intel® Core™ i3 processor,
the DC3217BY delivers stunning visuals and responsive performance from a pocket-
sized solution. What’s even more amazing, is that such a small device can offer so much
power in an expandable, customizable package. Dramatically increase data transfer
rates and transform device interconnectivity with Thunderbolt™ technology. Get a dif-
ference in performance you can truly see and feel.
Superior proceSSiNG ANd GrApHicS
Visibly smart graphics using the 3rd generation Intel® Core™ i3-3217U processor deliver
amazing performance and visually stunning graphics.
StuNNiNGLY SMALL forM fActor
The 4¨×4¨×2¨ form factor unlocks a world of potential design applications, from digital
signage and kiosks to portable innovations.
AdVANced tecHNoLoGY
The DC3217BY features Intel’s Thunderbolt™ technology transforming device inter-
connectivity, dramatically increasing transfer performance with bi-directional 10Gbps
speed, and offers daisy chaining to multiple devices, two SO-DIMM sockets for
expandability upto 16 GB of memory, two PCIe* mini-card connectors for flexible
support of wireless and SSD configurations, BIOS vault technology, fast boot and
Intel® Visual BIOS.
Integrated Board
• D33217CK
Dimensions
• 116.6mm×112.0mm×39.0mm (4.59”×4.41”×1.55”)
Cooling
• Active
Drive options
• mSATA
Color options
• Maroon only
Chassis design
• Aluminum and Plastic
Power Supply
• 19V, 65W DC-DC power adapter included
Additional Features
• Antenna for WIFI and Bluetooth pre-assembled
for ease of deployment
• Front Panel USB 2.0
• VESA mounting bracket included
• Product Guide


Similar Part No. - DC3217BY

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
   The Shape that Fits the Future
More results

Similar Description - DC3217BY

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
DC3217IYE INTEL-DC3217IYE Datasheet
681Kb / 4P
   The Shape that Fits the Future
logo
SparkFun Electronics
BOK-11499 SPARKFUN-BOK-11499 Datasheet
122Kb / 2P
   Robotics: Discover the Science and Technology of the Future
6??1??7
logo
Taoglas antenna solutio...
FXP611070092C TAOGLAS-FXP611070092C Datasheet
477Kb / 12P
   The CLoud Flexible Polymer Cloud Shape Antenna
logo
TOKYO SEIMITSU CO., LTD
PROBES ACCRETECH-PROBES Datasheet
322Kb / 2P
   The only active scanning probe that the measuring force is controllable
logo
EDA Technology Co.,LTD
ED-CM4NANO10-0232-C EDATEC-ED-CM4NANO10-0232-C Datasheet
3Mb / 6P
   The Industrial Raspberry Pi that You Expect
2022-10-24
logo
Wurth Elektronik GmbH &...
784787120 WURTH-784787120 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
784787101 WURTH-784787101 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
logo
Freescale Semiconductor...
MKL25Z32VFM4 FREESCALE-MKL25Z32VFM4 Datasheet
1Mb / 53P
   Part numbers for the chip have fields that identify the specific part.
logo
STMicroelectronics
AN4308 STMICROELECTRONICS-AN4308 Datasheet
270Kb / 14P
   The STCCxxxx devices also integrate the autodetect feature that supports both DCP
logo
Wurth Elektronik GmbH &...
784787121 WURTH-784787121 Datasheet
589Kb / 7P
   It is recommeded that the temperature of the component does not exceed
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com