Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AG20PC152F-L3N Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part No. AG20PC152F-L3N
Description  SPARK GAPS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AG20PC152F-L3N Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  AG20PC152F-L3N Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AG20PC152F-L3N Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8
481
P.481
アイテム一覧
Part Numbers
特性図
Electrical Characteristics
梱包
Packaging
信頼性
Reliability Data
使用上の注意
Precautions
P.482
P.483
P.484
P.486
セレクションガイド
Selection Guide
P.14
etc
外形寸法 EXTERNAL DIMENSIONS
H
フォーミング Formed
H3D
AG20
AG15
K
フォーミング Formed
K2M,K2U,K4M,K4U
ストレート Straight
L3N
Type
リード線
Lead type
アイテム一覧 PART NUMBERS 
形名のGには被覆状態、⃝には放電開始電圧、Rには許容差、☆には包装、▽にはリード形状記号が入ります。
G
Please specify the coating condition code and
Z the discharge starting voltage code and R the tolerance code and G the packaging code and
▽ the
lead configuration code.
f
注g使用している材料は自己消火性樹脂で、UL94V-0、UL1410fphase ll 規制gを保証するものです。
Note
DThe material used is a self-extinguishing resin conforming to UL94V-0 and UL1410fphase ll regulationg
   I1 AG15、AG20はDC500V20秒以内の値です。
本体の厚さ
Thickness of body
D4M0.5
本体の厚さ
Thickness of body
D4M0.5
Unit
Dmmfinchg
E
本体の厚さ
Thickness of body
D3.5max
f
0.138maxgf0.157M0.020gf0.157M0.020g
本体の厚さ
Thickness of body
D4M0.5
f
0.157M0.020g
本体の厚さ
Thickness of body
D4.7M0.5
f
0.184M0.020g
本体の厚さ
Thickness of body
D4.7M0.5
f
0.184M0.020g
I
1 Values of AG15,AG20 are set at DC500V within 20 seconds.
形 式
Type
放電開始電圧
Discharge starting voltage fDCg
公称値
Nominal value
[V]
1200
 1500 2000
2500
1200
 1500 2000
2500
許容差
Tolerance
[V]
M
500
M
800
M
500
M
800
絶縁抵抗
Insulation
resistance
[ME]I1
10000min
10000min
リード形状
Lead configuration
K
フォーミング K Formed
ストレート、Hフォーミング
Straight ,H Formed
AG15PG
⃝⃝⃝RG E▽▽▽
AG20PG
⃝⃝⃝R E▽▽▽
EHS
(Environmental
Hazardous
Substances)
RoHS
RoHS


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn